Electronic Components Datasheet Search
  English  ▼

X  

MAX38889 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX38889
Description  2.5V to 5.5V, 3A Reversible Buck/Boost Regulator for Backup Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38889 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX38889 Datasheet HTML 1Page - Maxim Integrated Products MAX38889 Datasheet HTML 2Page - Maxim Integrated Products MAX38889 Datasheet HTML 3Page - Maxim Integrated Products MAX38889 Datasheet HTML 4Page - Maxim Integrated Products MAX38889 Datasheet HTML 5Page - Maxim Integrated Products MAX38889 Datasheet HTML 6Page - Maxim Integrated Products MAX38889 Datasheet HTML 7Page - Maxim Integrated Products MAX38889 Datasheet HTML 8Page - Maxim Integrated Products MAX38889 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MAX38889
2.5V to 5.5V, 3A Reversible Buck/Boost
Regulator for Backup Applications
www.maximintegrated.com
Maxim Integrated | 4
(VSYS = 3.7V, VCAP = 2.8V, TJ = -40C to +125C (typical values at TJ = +25C), circuit of Figure 1, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LX Peak Backup
Current Limit
ILX_BU
Circuit of Figure 1,
VCAP = 2V, VSYS =
2.5V (Note 1)
RISET = 33kΩ
2.25
3
3.75
A
ILX_BU
Circuit of Figure 1,
VCAP = 2V, VSYS =
2.5V (Note 1)
RISET = 100kΩ
1
LX Peak Charge
Current Limit (Note 1)
ILX_CHG
Circuit of Figure 1,
VSYS = 3.7V,
VCAP = 2V
RISET = 33kΩ
2.25
3
3.75
A
RISET = 100kΩ
1
Feedback Input Bias
Current
IFBS, IFBCH,
IFBCR
VFBS = 1.2V,
VFBCH = VFBCR =
0.5V
TA = +25°C
-0.1
0.01
+0.1
µA
TA = +125°C
0.01
Enable Input Leakage
Current
IENC, IENB
0V < VENC,
VENB < 5.5V
TA = +25°C
-1
0.004
1
µA
TA = +125°C
0.01
LX Low-Side FET
Resistance
RLOW
VLX switched to 0V
42
84
mΩ
LX High-Side FET
Resistance
RHIGH
VLX switched to VSYS
57
114
mΩ
LX Leakage Current
ILX_LKG
VENC = VENB =
0V, VSYS = 5.5V,
VLX = 0 to 5.5V
TA = +25°C
-1
0.01
1
µA
TA = +125°C
0.26
Maximum On-Time
tON
Typical
Application Circuit,
VSYS = 2.9V
VCAP = 2V
320
400
480
ns
VCAP = 1.2V
570
Minimum Off-Time
tOFF
Backup mode, VFBS = 1.164V
80
100
120
ns
Maximum Duty Cycle
DutyMAX
VCAP = 0.5V
90
95
%
Overtemperature
Lockout Threshold
TOTLO
TJ rising, 15°C typical hysteresis
165
°C
Logic Output Leakage
High
IBKB_H
VBKB = 5.5V,
VRDY = 5.5V
TA = +25°C
-1
0.001
+1
µA
IRDY_H
VBKB = 5.5V,
VRDY = 5.5V
TA = +125°C
0.01
Logic Output Voltage
Low
VBKB_L
VRDY_L
IBKB = 10mA, IRDY = 10mA
0.1
0.4
V
High-Side FET
Zero-Crossing
IZXP
Circuit of Figure 1, VSYS = 2.9V,
VCAP = 2V (Note 1)
60
mA
Low-Side FET
Zero-Crossing
IZXN
Circuit of Figure 1, VSYS = 3.7V,
VCAP = 2V (Note 1)
180
mA
Note 1:
DC measurement, actual inductor current accuracy in the circuit is affected by the propagation delay
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com