Electronic Components Datasheet Search
  English  ▼

X  

M8BS2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8BS2
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8BS2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8BS2 Datasheet HTML 1Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 2Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 3Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 4Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 5Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 6Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 7Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 8Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MODEL: M8BS2
M8BS2 SPECIFICATIONS
ES-5495 Rev.15 Page 2/14
http://www.m-system.co.jp/
(output 1 to output 2 to power to FG)
Input/Output use: ≥ 100 MΩ with 500 V DC
(Input(input side) to Output 2(input side) to Output 1(output
side) to Output 2(output side) to power to FG)
Dielectric strength
• Input use
DC power:
1500 V AC @1 minute (input to output 2 or power to FG)
500 V AC @1 minute (output 2 to power)
AC power:
1500 V AC @1 minute (input to output 2 or power)
1500 V AC @1 minute (input to FG)
500 V AC @1 minute (output 2 to power to FG)
• Output use (M8YVx)
DC power:
1500 V AC @1 minute (output 1 or output 2 or power to FG)
500 V AC @1 minute (output 1 to output 2 to power)
AC power:
1500 V AC @1 minute (input to output 1 or output 2 or
power)
1500 V AC @1 minute (input to FG)
500 V AC @1 minute (output 1 to output 2 to power to FG)
• Output use (M8YSx)
DC power:
1500 V AC @1 minute (input or output or power to FG)
500 V AC @1 minute (input to power)
AC power:
1500 V AC @1 minute (output to input or power)
1000 V AC @1 minute (output to FG)
500 V AC @1 minute (input to power to FG)
• Input/Output use
DC power:
1500 V AC @1 minute (Input(input side) to Output 2(input
side) or Output 1(output side) or Output 2(output side) or
power to FG)
500 V AC @1 minute (Output 2(input side) to Output
1(output side) to Output 2(output side) to power)
AC power:
1500 V AC @1 minute (Input(input side) to Output 2(input
side) or Output 1(output side) or Output 2(output side) or
power)
1500 V AC @1 minute (Input(input side) to FG)
500 V AC @1 minute (Output 2(input side) to Output
1(output side) to Output 2(output side)to power to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
The AC power unit conforms with the following standards:
EN 50178
Installation Category II
Pollution Degree 2
Max. operating voltage 300 V
RoHS Directive
MOUNTING REQUIREMENTS unit: mm (inch)
■ M8BS2-04x
230 (9.06)
4–M5 SCREW
■ M8BS2-08x
300 (11.81)
4–M5 SCREW
■ M8BS2-16x
460 (18.11)
4–M5 SCREW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com