Electronic Components Datasheet Search
  English  ▼

X  

LWT Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # LWT
Description  Power Transducer Series L-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LWT Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  LWT Datasheet HTML 1Page - M-System Co.,Ltd. LWT Datasheet HTML 2Page - M-System Co.,Ltd. LWT Datasheet HTML 3Page - M-System Co.,Ltd. LWT Datasheet HTML 4Page - M-System Co.,Ltd. LWT Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: LWT
http://www.m-system.co.jp/
LWT SPECIFICATIONS
ES-1975 Rev.16 Page 4/5
CONNECTION DIAGRAM
+
–
14
16
15
7
8
1
5
6
2
PULSE OUTPUT
+
–
11
12
DC OUTPUT
■ 3-PHASE/3-WIRE
■ SINGLE-PHASE/2-WIRE
LOAD
1
2
SOURCE
P2
V
P1
U
v
u
FUSE
VT
k
l
CT
L
K
1L
1S
+
–
14
15
7
8
1
2
PULSE OUTPUT
■ SINGLE-PHASE/3-WIRE
+
–
14
16
15
7
8
1
5
6
2
PULSE OUTPUT
9
10
U(+)
V(–)
* This unit can be powered from the input voltage when the voltage is
sufficiently stable and meets other supply voltage requirements.
LOAD
1
N
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
V
v
P0
U
u
K
K
K
+
–
7
8
PULSE OUTPUT
9
10
U(+)
V(–)
14
15
16
13
1
2
3
4
5
6
■ 3-PHASE/4-WIRE
9
10
U(+)
V(–)
+
–
11
12
DC OUTPUT
+
–
11
12
DC OUTPUT
+
–
11
12
DC OUTPUT
9
10
U(+)
V(–)
■ Open Collector
Pulse Output Connection Example
AUXILIARY
POWER
*
AUXILIARY
POWER
*
AUXILIARY
POWER
*
AUXILIARY
POWER
*
LOAD
1 N 2
SOURCE
P0
V
P1
U
v
u
FUSE
VT
V
v
P2
U
u
k
CT
L
K
1L
1S
2L
2S
k
l
l
L
K
+
-
7
8
CT
L
1L
1S
2L
2S
3L
3S
L
L
k
k
k
l
l
l
LOAD
1
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
k
l
CT
L
K
1L
1S
3L
3S
k
l
L
K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com