Electronic Components Datasheet Search
  English  ▼

X  

LTWT Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # LTWT
Description  Power Transducer Series LT-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTWT Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  LTWT Datasheet HTML 1Page - M-System Co.,Ltd. LTWT Datasheet HTML 2Page - M-System Co.,Ltd. LTWT Datasheet HTML 3Page - M-System Co.,Ltd. LTWT Datasheet HTML 4Page - M-System Co.,Ltd. LTWT Datasheet HTML 5Page - M-System Co.,Ltd. LTWT Datasheet HTML 6Page - M-System Co.,Ltd. LTWT Datasheet HTML 7Page - M-System Co.,Ltd. LTWT Datasheet HTML 8Page - M-System Co.,Ltd. LTWT Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: LTWT
LTWT SPECIFICATIONS
ES-3355 Rev.18 Page 5/9
https://www.m-system.co.jp/
CONNECTION DIAGRAM
LOAD
+
–
1
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
k
l
CT
L
K
1L
1S
3L
3S
k
l
L
K
7
9
8
13
14
1
5
6
2
PULSE OUTPUT
+
–
11
12
DC OUTPUT
■ 3-PHASE/3-WIRE
■ SINGLE-PHASE/2-WIRE
LOAD
1
2
SOURCE
P2
V
P1
U
v
u
FUSE
VT
k
l
CT
L
K
1L
1S
+
–
7
8
13
14
1
2
PULSE OUTPUT
■ SINGLE-PHASE/3-WIRE
LOAD
1 N 2
SOURCE
P0
V
P1
U
v
u
FUSE
VT
V
v
P2
U
u
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
+
–
7
9
8
13
14
1
5
6
2
PULSE OUTPUT
16
* The transducer can be powered from the input voltage
when the voltage is sufficiently stable and meets within
the range of auxiliary power supply of the unit specified
in the data sheet/instruction manual.
LOAD
1
N
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
V
v
P0
U
u
k
l
CT
L
K
1L
1S
2L
2S
3L
3S
k
l
L
K
k
l
L
K
+
–
13
14
PULSE OUTPUT
16
7
8
9
10
1
2
3
4
5
6
■ 3-PHASE/4-WIRE
16
+
–
11
12
DC OUTPUT
+
–
11
12
DC OUTPUT
+
–
11
12
DC OUTPUT
15
16
U(+)
V(–)
AUXILIARY
POWER
■ Open Collector
Pulse Output Connection Example
13
14
+
–
*
15 U(+)
V(–)
AUXILIARY
POWER
*
15 U(+)
V(–)
AUXILIARY
POWER
*
15 U(+)
V(–)
AUXILIARY
POWER
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com