Electronic Components Datasheet Search
  English  ▼

X  

STU409DH Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # STU409DH
Description  N- and P-Channel 40 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STU409DH Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  STU409DH Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STU409DH Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.

SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
N-Ch
40
-
-
V
VGS = 0 V, ID = - 250 μA
P-Ch
- 40
-
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
N-Ch
1.0
-
3.0
VDS = VGS, ID = - 250 μA
P-Ch
- 1.0
-
-30
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
-
-
± 100
nA
P-Ch
-
-
± 100
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 40 V
N-Ch
-
-
1
μA
VGS = 0 V
VDS = - 40 V
P-Ch
-
-
- 1
VGS = 0 V
VDS = 40 V, TJ = 125 °C
N-Ch
-
-
50
VGS = 0 V
VDS = - 40 V, TJ = 125 °C
P-Ch
-
-
- 50
VGS = 0 V
VDS = 40 V, TJ = 175 °C
N-Ch
-
-
150
VGS = 0 V
VDS = - 40 V, TJ = 175 °C
P-Ch
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS 5 V
N-Ch
25
-
-
A
VGS = - 10 V
VDS 5 V
P-Ch
- 25
-
-
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 38 A
N-Ch
-
0.014
VGS = - 10 V
ID = - 38 A
P-Ch
-
0.014
VGS = 10 V
ID = 38 A, T
J = 125 °C
N-Ch
-
-
0.017
VGS = - 10 V
ID = - 38 A, T
J = 125 °C
P-Ch
-
-
0.017
VGS = 10 V
ID = 38 A, T
J = 175 °C
N-Ch
-
-
0.025
VGS = - 10 V
ID = - 38 A, T
J = 175 °C
P-Ch
-
-
0.025
VGS = 4.5 V
ID = 30 A
N-Ch
-
0.016
-
VGS = - 4.5 V
ID = - 30A
P-Ch
-
0.016
-
Forward Transconductanceb
gfs
VDS = 15 V, ID = 38 A
N-Ch
-
40
-
S
VDS = - 15 V, ID = - 38 A
P-Ch
-
18
-
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 20 V, f = 1 MHz
N-Ch
-
1799
2248
pF
VGS = 0 V
VDS = - 20 V, f = 1 MHz
P-Ch
-
2000
3500
Output Capacitance
Coss
VGS = 0 V
VDS = 20 V, f = 1 MHz
N-Ch
-
282
352
VGS = 0 V
VDS = - 20 V, f = 1 MHz
P-Ch
-
320
550
Reverse Transfer Capacitance
Crss
VGS = 0 V
VDS = 20 V, f = 1 MHz
N-Ch
-
109
136
VGS = 0 V
VDS = - 20 V, f = 1 MHz
P-Ch
-
220
360
Total Gate Chargec
Qg
VGS = 10 V
VDS = 20 V, ID = 10 A
N-Ch
-
310
-
nC
VGS = - 10 V
VDS = - 20 V, ID = - 10 A
P-Ch
Gate-Source Chargec
Qgs
VGS = 10 V
VDS = 20 V, ID = 10 A
N-Ch
-
5.7
-
VGS = - 10 V
VDS = - 20 V, ID = - 10 A
P-Ch
-
5.5
-
Gate-Drain Chargec
Qgd
VGS = 10 V
VDS = 20 V, ID = 10 A
N-Ch
-
4.8
-
VGS = - 10 V
VDS = - 20 V, ID = - 10 A
P-Ch
-
10.5
-
Gate Resistance
Rg
f = 1 MHz
N-Ch
2
4.11
6.2
P-Ch
3.1
6.3
9.5
-
420
-
STU409DH
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com