Electronic Components Datasheet Search
  English  ▼

X  

AP63356Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP63356Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63356Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP63356Q Datasheet HTML 17Page - Diodes Incorporated AP63356Q Datasheet HTML 18Page - Diodes Incorporated AP63356Q Datasheet HTML 19Page - Diodes Incorporated AP63356Q Datasheet HTML 20Page - Diodes Incorporated AP63356Q Datasheet HTML 21Page - Diodes Incorporated AP63356Q Datasheet HTML 22Page - Diodes Incorporated AP63356Q Datasheet HTML 23Page - Diodes Incorporated AP63356Q Datasheet HTML 24Page - Diodes Incorporated AP63356Q Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AP63356Q/AP63357Q
Document number: DS41948 Rev. 1 - 2
21 of 28
www.diodes.com
September 2020
© Diodes Incorporated
AP63356Q/AP63357Q
Application Information (continued)
15
External Loop Compensation Design (continued)
The loop gain at the crossover frequency has unity gain. Therefore, the compensator resistance, R5, is determined by:
�������� =
�������� ∙ �������� ∙ ���������������� ∙ ���������������� ∙ ��������
�������� ∙ ������������
= ����. ��������������������[
����
����
] ∙ �������� ∙ ���������������� ∙ ����������������
Eq. 15
Where:
gm is 0.3mS
RT is 0.2V/A
VFB is 0.8V
fc is the desired crossover frequency
Be aware that most ceramic capacitors will degrade with voltage stress or temperature extremes. Refer to its datasheet and use its worst case
capacitance value for calculations.
The compensation capacitors C5 and C6 are then equal to:
�������� =
���������������� ∙ ����������������
���������������� ∙ ��������
Eq. 16
�������� = ������������ (
�������� ∙ ����������������
��������
,
����
���� ∙ ������������ ∙ ��������
)
Eq. 17
Where:
IOUT is the output load current
The inclusion of C6 can increase gain margin and can decrease phase margin. In most cases, C6 is optional and may be omitted.
The zero,
z2, is optional as it can increase both the phase margin and gain bandwidth and can decrease gain margin. If used, place this zero at
around two to five times fC. Thus, C4 is in the approximate range of:
�������� = [
����
������������ ∙ �������� ∙ ��������
,
����
�������� ∙ �������� ∙ ��������
]
Eq. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com