Electronic Components Datasheet Search
  English  ▼

X  

IRL40DM247 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IRL40DM247
Description  OptiMOS짧5, 40 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL40DM247 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IRL40DM247 Datasheet HTML 6Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 7Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 8Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 9Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 10Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 11Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 12Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 13Page - Infineon Technologies AG IRL40DM247 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
OptiMOSª5,40V
IRL40DM247
Rev.2.3,2020-09-21
Final Data Sheet
MILLIMETERS
A
DIMENSION
0.58
0.58
0.38
3.58
1.28
1.08
MIN.
6.25
0.35
0.93
3.85
4.80
3.72
1.32
0.42
0.62
1.12
3.95
0.97
0.45
5.05
6.35
MAX.
DOCUMENT NO.
Z8B00188582
EUROPEAN PROJECTION
17.04.2018
REVISION
01
ISSUE DATE
0
SCALE
1
0.62
B
C
D
E
F
G
H
J
K
L
M
N
O
0.83
0.97
-
0.70
2.03
2.17
10:1
2mm
0.08
0.17
P
0.00
0.10
R
Figure3OutlineMG-WDSON-8-904(ME),dimensionsinmm/inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com