Electronic Components Datasheet Search
  English  ▼

X  

MAX14745 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14745
Description  PMIC with Ultra Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14745 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14745 Datasheet HTML 17Page - Maxim Integrated Products MAX14745 Datasheet HTML 18Page - Maxim Integrated Products MAX14745 Datasheet HTML 19Page - Maxim Integrated Products MAX14745 Datasheet HTML 20Page - Maxim Integrated Products MAX14745 Datasheet HTML 21Page - Maxim Integrated Products MAX14745 Datasheet HTML 22Page - Maxim Integrated Products MAX14745 Datasheet HTML 23Page - Maxim Integrated Products MAX14745 Datasheet HTML 24Page - Maxim Integrated Products MAX14745 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Note 1:
All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range guaranteed by
design.
Note 2:
This value is included in the IBAT quiescent current values for the ON states.
Note 3:
When the die temperature exceeds TCHGIN_SHDN, the CHGIN to SYS path opens, and the charger is turned off.
Note 4:
When the die temperature exceeds TCHG_LIM, the charger current starts to decrease.
Note 5:
This is the threshold at which the charger starts to limit the current due to SYS dropping; if VSYS drops below this value
the charger will not move to maintain charge.
Note 6:
Fast charge current accuracy tested only at 50mA and 500mA, all other values guaranteed by design.
Note 7:
Values over temperature are not production tested and guaranteed by characterization.
Note 8:
fSCL must meet the minimum clock low time plus the rise/fall times.
Note 9:
The maximum tHD:DAT has to be met only if the device does not stretch the low period (tLOW) of the SCL signal.
Note 10: Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instant.
(VCHGIN = 5.0V, VBAT = 3.7V, TA = -40°C to +85°C, all registers in their default state, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
MAX14745
PMIC with Ultra Low IQ Voltage Regulators and
Battery Charger for Small Lithium Ion Systems
www.maximintegrated.com
Maxim Integrated │ 21
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com