Electronic Components Datasheet Search
  English  ▼

X  

SIC657 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC657
Description  50 A VRPower® Integrated Power Stage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC657 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC657 Datasheet HTML 1Page - Vishay Siliconix SIC657 Datasheet HTML 2Page - Vishay Siliconix SIC657 Datasheet HTML 3Page - Vishay Siliconix SIC657 Datasheet HTML 4Page - Vishay Siliconix SIC657 Datasheet HTML 5Page - Vishay Siliconix SIC657 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 21-Aug-17
2
Document Number: 64909
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
1. Use millimeters as the primary measurement
2. Dimensioning and tolerances conform to ASME Y14.5M. - 1994
3. Dimension b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip
4. The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body
5. Exact shape and size of this feature is optional
6. Package warpage max. 0.08 mm
7. Applied only for terminals
K1
0.67 BSC
0.026 BSC
K2
0.22 BSC
0.008 BSC
K3
1.25 BSC
0.049 BSC
K4
0.10 BSC
0.004 BSC
K5
0.38 BSC
0.015 BSC
K6
0.12 BSC
0.005 BSC
K7
0.40 BSC
0.016 BSC
K8
0.40 BSC
0.016 BSC
K9
0.40 BSC
0.016 BSC
K10
0.85 BSC
0.033 BSC
K11
0.40 BSC
0.016 BSC
K12
0.40 BSC
0.016 BSC
K13
0.75 BSC
0.030 BSC
ECN: T17-0423-Rev. F, 21-Aug-17
DWG: 6025
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com