Electronic Components Datasheet Search
  English  ▼

X  

K3010P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K3010P
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3010P Datasheet(HTML) 4 Page - Vishay Siliconix

  K3010P Datasheet HTML 1Page - Vishay Siliconix K3010P Datasheet HTML 2Page - Vishay Siliconix K3010P Datasheet HTML 3Page - Vishay Siliconix K3010P Datasheet HTML 4Page - Vishay Siliconix K3010P Datasheet HTML 5Page - Vishay Siliconix K3010P Datasheet HTML 6Page - Vishay Siliconix K3010P Datasheet HTML 7Page - Vishay Siliconix K3010P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
K3010P, K3011P, K3012P
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 04-Nov-2020
4
Document Number: 83504
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Safety Parameter Derating Diagram
Fig. 4 - Test Pulse Diagram for Sample Test according to
DIN EN60747-5-5 / DIN EN60747-; IEC 60747
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Total Power Dissipation vs. Ambient Temperature
Fig. 6 - Forward Current vs. Forward Voltage
Fig. 7 - Relative Threshold Forward Current vs.
Ambient Temperature
Fig. 8 - Relative On-State vs. Ambient Temperature
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Tamb - Ambient Temperature (°C)
P
si (mW)
I
si (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
0
100
200
300
400
Output
Input
Coupled device
020
40
60
80
100
T
amb - Ambient Temperature (°C)
0.1
1
10
100
1000
0
VF - Forward Voltage (V)
1.6
1.2
0.8
0.4
2.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-30 -20 -10 0
20 30 40 50 60 70 80
10
Tamb - Ambient Temperature (°C)
V
S = 3 V
R
L = 150 Ω
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-30 -20 -10 0
20 30 40 50 60 70 80
10
Tamb - Ambient Temperature (°C)
I
F
I FT
I
T = 100 mA
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com