Electronic Components Datasheet Search
  English  ▼

X  

MA200 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MA200
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MA200 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MA200 Datasheet HTML 1Page - M-System Co.,Ltd. MA200 Datasheet HTML 2Page - M-System Co.,Ltd. MA200 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MA-200
MA-200 SPECIFICATIONS
ES-8172 Rev.3 Page 3/3
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY
Base Socket
TO CABLE
1
4
5
8
TO EQUIPMENT
GROUND TERMINALS
2A
2A
2
3
6
7
HF Filter
Discharge
Elements
Discharge
Elements
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com