Electronic Components Datasheet Search
  English  ▼

X  

MA-200 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MA-200
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MA-200 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MA-200 Datasheet HTML 1Page - M-System Co.,Ltd. MA-200 Datasheet HTML 2Page - M-System Co.,Ltd. MA-200 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MA-200
MA-200 SPECIFICATIONS
ES-8172 Rev.3 Page 2/3
https://www.m-system.co.jp/
CONNECTION EXAMPLES
AC POWER
3
4
6
5
2
1
8
7
1 – 5V DC
M-RESTER
P+
G
P–
U
V
+
–
+
–
S+
S–
G
SURGE PROTECTOR
Cable
Protected
Equipment
Ground one of the terminals 2, 3, 6 and 7.
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENT unit: mm [inch]
3
4
5
6
2
1
8
7
50 [1.97]
95 [3.74]
20 [.79]
119.5 [4.70]
(3.3 [.13])
40 [1.57]
50 [1.97]
7.8 [.31]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
FUSE (two)
2–4.5 [.18] dia.
MTG HOLE
15 [.59] deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
MONITOR
LED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com