Electronic Components Datasheet Search
  English  ▼

X  

M8BSC-8U1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8BSC-8U1-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8BSC-8U1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8BSC-8U1-R Datasheet HTML 1Page - M-System Co.,Ltd. M8BSC-8U1-R Datasheet HTML 2Page - M-System Co.,Ltd. M8BSC-8U1-R Datasheet HTML 3Page - M-System Co.,Ltd. M8BSC-8U1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M8BSC-8
M8BSC-8 SPECIFICATIONS
ES-5467 Rev.2 Page 1/4
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
INSTALLATION BASE (8 positions)
Functions and Features
• Installation Base (8 positions) dedicated for Dual Output
Super-mini Signal Conditioners Pico-M
• Saving wiring work within an instrumentation panel
• Power supplied through printed wiring on the base
• Connection: Output 1 with M3.5 screw terminals, Output 2
with connector
MODEL: M8BSC-8U1-[1][2]
ORDERING INFORMATION
• Code number: M8BSC-8U1-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. M8BSC-8U1-KK/Q)
• Specify the specification for option code /Q
(e.g. /C01)
CONNECTION (output 1/output 2)
U1: Screw terminal block / Fujitsu FCN type connector
[1] POWER SUPPLY UNIT
AC Power
K: 85 – 132 V AC; single power source
(Operational voltage range 85 – 132 V, 47 – 63 Hz)
KK: 85 – 132 V AC; two independent power sources
(Operational voltage range 85 – 132 V, 47 – 63 Hz)
L: 170 – 264 V AC; single power source
(Operational voltage range 170 – 264 V, 47 – 63 Hz)
DC Power
R: 24 V DC; no power supply unit
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Redundant power supplies are recommended for long time
use without interruption.
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the main PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Capacity: 8 positions
Connection
Power input: M3.5 screw terminals (M3 screw terminals for
AC power input) (torque 0.8 N·m, 0.5 N·m for AC power
input)
Input and output: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power to FG
Power indicator LED: ON with normal voltage level
INSTALLATION
Power Consumption
•AC: 130 VA min.
•DC: 0.7 A min.
Operating temperature: 0 to 55°C (32 to 131°F)
0 to 50°C (32 to 122°F) for AC power
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight:
0.8 kg (1.8 lb) for power code K, L
0.9 kg (2.0 lb) for power code KK
0.7 kg (1.5 lb) for power code R
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or
power to FG)
500 V AC @1 minute (output 1 to output 2 to power)
500 V AC @1 minute (output 1 or output 2 to FG for AC
power input)
MOUNTING REQUIREMENTS unit: mm (inch)
260 (10.24)
4–M5 SCREW


Similar Part No. - M8BSC-8U1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8BS-1-1 MSYSTEM-M8BS-1-1 Datasheet
93Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS-1-1/Q MSYSTEM-M8BS-1-1/Q Datasheet
93Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS-16K1-K MSYSTEM-M8BS-16K1-K Datasheet
490Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS-16K1-K/Q MSYSTEM-M8BS-16K1-K/Q Datasheet
490Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS-16K1-KK MSYSTEM-M8BS-16K1-KK Datasheet
490Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8BSC-8U1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com