Electronic Components Datasheet Search
  English  ▼

X  

2MM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2MM
Description  Motor Protector/Thermal Cut-Out
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2MM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2MM Datasheet HTML 1Page - List of Unclassifed Manufacturers 2MM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2MM
Motor Protector/Thermal Cut-Out
Sensata Technologies builds the
2MM motor protector to meet almost
any requirement of protection in a
wide range of small motors, small
transformers, solenoids, etc..
This compact motor protector is the
best solution to protect the wide
variety of motors used in industrial
and domestic appliances against
locked rotor and overload situations.
Design and operating principles
The motor protector 2MM consists of
a metal housing that holds and pro-
tects the inner components against
infiltration as well as mechanical
deformation.
The can contains the calibrated
Klixon® disc carrying a silver con-
tact. The fixed contact is placed on
the opposite side, separated from
the terminal by an insulator.
The 2MM is available in two ver-
sions: with epoxy insulation and with
additional sleeve.
The operating principle of the 2MM
is both simple and effective. A cur-
rent flows through the resistive
Klixon® bimetal disc. When a fault
condition occurs, the increased cur-
rent and ambient temperature make
the bimetal disc snap open the con-
tacts. The contacts close again auto-
matically as the device cools down
to a safe running temperature.
Applications
The 2MM operates as a sensitive
safety cut-out for applications like:
· Small motors
· Coils
· Solenoid valves
· Transformers
In single phase motors it can be
mounted directly in the main circuit
to serve as on- or in-winding protec-
tor. It's compact size provides ease
of installation, even in small spaces.
At this time there is practically no
small motor the 2MM cannot protect
against overheating and overload-
ing. Sensata Technologies 2MM pro-
vides you with a cost effective solu-
tion in terms of maximum quality
and reliability.
KEY BENEFITS
Field proven reliable and repeatable
snap-action bimetal actuation.
Low profile shape for close coupling to
on- or in-winding application.
On customers request additional
sleeve available.
Competitive performance-price ratio


Similar Part No. - 2MM

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
2MM SENSATA-2MM Datasheet
354Kb / 5P
Motor Protector/Thermal Cut-Out
logo
TE Connectivity Ltd
2MM-RCD-D08-BX TEC-2MM-RCD-D08-BX Datasheet
1Mb / 3P
AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES
2MM-RCP-S04-BX TEC-2MM-RCP-S04-BX Datasheet
1Mb / 5P
AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES
More results

Similar Description - 2MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
logo
CONEC Elektronische Bau...
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
Schneider Electric
GV2ME07 SCHNEIDER-GV2ME07 Datasheet
207Kb / 9P
thermal magnetic circuit protector
Aug 11, 2019
GV2ME08 SCHNEIDER-GV2ME08 Datasheet
186Kb / 10P
thermal magnetic circuit protector
Aug 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com