Electronic Components Datasheet Search
  English  ▼

X  

G Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # G
Description  Metal Oxide Varistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  G_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 3Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 4Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 5Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 6Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 7Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 8Page - List of Unclassifed Manufacturers G_V01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
129
G Series
Varistor Volt - Ampere and Pulse Lifetime Characteristics
10 6
10 5
10 4
10 3
10 2
10 1
100
101
3
4
5
6
7
10
15
20
30
40
50
60
70
100
150
500
200
300
400
Max. Clamping Voltage
Direct Current (A)
8/20
µsec. Impulse Current (A)
at +20
°C
TNR15G150K~TNR15G680K
TNR15G150K~TNR15G680K
V- I Curve-15mm Nominal Diameter
Pulse Lifetime Ratings-15mm Nominal Diameter
Max. Leakage Current
at +20
°C
TNR15G820K~TNR15G102K
TNR15G820K~TNR15G102K
V- I Curve-15mm Nominal Diameter
Pulse Lifetime Ratings-15mm Nominal Diameter
15G680K
15G560K
15G470K
15G390K
15G330K
15G270K
15G220K
15G180K
15G150K
102
103
104
10 6
10 5
10 4
10 3
10 2
10 1
100
101
102
103
104
30
40
50
60
70
80
100
150
200
300
400
500
600
700
800
1000
1500
2000
3000
4000
5000
Max. Leakage Current
Max. Clamping Voltage
Direct Current (A)
8/20
µsec. Impulse Current (A)
15G102K
15G821K
15G681K
15G561K
15G471K
15G431K
15G391K
15G331K
15G271K
15G241K
15G221K
15G201K
15G181K
15G151K
15G121K
15G101K
15G820K
Impulse Duration (
µs)
20
100
200
1k
2k
10k
0.2
0.3
0.5
0.7
10
1
2
3
5
7
20
30
50
70
100
500
700
1000
200
300
Test Condition Interval:
1~101 times: 2 min.
10 2~10 6 times: 10 sec.
1
Time
2
101
102
103
104
105
106
Impulse Duration (
µs)
20
100
200
1k
2k
10k
10
2
3
5
7
20
30
50
70
100
500
700
1000
2000
3000
5000
7000
200
300
Test Condition Interval:
1~101 times: 2 min.
10 2~10 6 times: 10 sec.
1 Time
2
101
102
103
104
105
106



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com