Electronic Components Datasheet Search
  English  ▼

X  

BA8206BA4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA8206BA4
Description  Remote Control Fan Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA8206BA4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA8206BA4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number : BA8206BA4
Function : Remote Control Fan Controller
Manufacturers : BEC
Package : DIP 16 Pin
Image :
BA8206 BA4 is designed specifically for Remote Control Fan Controller IC.
1. Power supply voltage: -0.3V ~ 6V;
2. Input / output voltage: Vss-0.3 ~ VDD + 0.3V;
3. power consumption: 500mW;
4. Working temperature: -10 ~ 70
‘C
5. Storage temperature: -40 ~ 125
‘C.


Similar Part No. - BA8206BA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA8206BA4 ETC1-BA8206BA4 Datasheet
124Kb / 4P
New Application of Rem ote Fan Controller BA8206 BA4
BA8206BA4K ETC1-BA8206BA4K Datasheet
124Kb / 4P
New Application of Rem ote Fan Controller BA8206 BA4
More results

Similar Description - BA8206BA4

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
Fan Remote Control
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
REMOTE FAN CONTROL IC
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
REMOTE FAN CONTROL IC
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
FAN REMOTE CONTROL ENCODER
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
RBA5104 UTC-RBA5104_15 Datasheet
151Kb / 4P
FAN REMOTE CONTROL ENCODER
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com