Electronic Components Datasheet Search
  English  ▼

X  

CD7522 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CD7522
Description  3W횞2BTL audio power amplifier circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7522 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD7522 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7522 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7522 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7522 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
  双 极 电 路
CD7522CS
5 、特性曲线
功耗曲线
PD--Ta
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
160
环境温度 Ta(℃)
无限大散热片
80cm2×2mm铝散
热片
18cm2×2mm铝散
热片
无散热片
6 、应用线路与应用说明
6. 1 、应用线路
版本:
2007-08-B
无 锡 华 润 矽 科 微 电 子 有 限 公 司
第
3 页 共 4 页
音量控制曲线
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
音量控制电压 (V)
1通道
2通道
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
1
2
3
4
5
6
7
8
9
+
+
+
1u
8Ω
Standby
Vin1
Volume
Vcc
out1
CD7522CS
10
11
12
8Ω
+
1u
10k
Vin2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com