Electronic Components Datasheet Search
  English  ▼

X  

MDHA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDHA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDHA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDHA Datasheet HTML 1Page - M-System Co.,Ltd. MDHA Datasheet HTML 2Page - M-System Co.,Ltd. MDHA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDHA
http://www.m-system.co.jp/
MDHA SPECIFICATIONS
ES-8166 Rev.2 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(DC power use; life monitor)
Functions & Features
•Designed specifically for DC power supplies up to 5 amps
•Life monitor function helps you to decide when you should
replace the M-RESTER; reduces maintenance and prevents
downtime
•LED display and alarm contact output indicate the
degradation and life span of the surge protection circuits
•No power supply interruption even when the unit is
degraded or at the end of its life
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
DEL: MDHA–[1]
ORDERING INFORMATION
• Code number: MDHA-[1]
Specify a code from below for [1]
(e.g. MDHA-24)
[1] OPERATIONAL VOLTAGE
12: 12 V DC
24: 24 V DC
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Alarm indicators
Power: The green LED turns on while the circuit is alive and
the internal fuse on the voltage limiter side is not blown;
and is off when the power supply is removed or this fuse is
blown.
Alarm: Tricolor LED (green/amber/red)
•Remains off when the power supply is first turned on.
•Green: The unit has received one or more surges.
•Amber: Replacement is recommended.
•Red: The life span has ended.
Alarm contact
The N.C. contact is on when the life span of the discharge
elements has ended, when the voltage limiter has
degraded, when the fuses are blown, and/or when the
power supply is removed.
Rating: 125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 125 V AC or 110 V DC
Maximum switching power: 62.5 VA or 30 W
Minimum load: 5 V DC @ 1 mA
Life status table
POWER ALARM
ALARM
STATUS
REPLACEMENT
LED
LED
CONTACT
OFF
Normal
(no surge)
No Need
ON
Green
OFF
Normal
(multiple hits)
Amber
Near End
Without Delay
Red
ON
End (degraded)
Now
Power supply
Now if the
OFF
----
----
removed or
power supply
End (degraded)
is normal.
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 500 g (1.1 lbs)
PERFORMANCE
Operational line voltage:
10.8 – 13.2V DC (MDHA-12)
21.6 – 26.4V DC (MDHA-24)
Discharge voltage (peak voltage)
• Line to line:
±15 V min. (MDHA-12)
±30 V min. (MDHA-24)
• Line to ground: ±160 V min.
Max. surge voltage (Up)
• Line to line:
±80 V max. (MDHA-12)
±120 V max. (MDHA-24)
• Line to ground: ±700 V max.
(This is the maximum voltage that could pass through M-
RESTER. Protected equipment must be able to withstand
this voltage for a very short time period.)
Response time:
• Line to line: ≤ 4 nsec.
• Line to ground: ≤ 20 nsec.
Leakage current


Similar Part No. - MDHA

ManufacturerPart #DatasheetDescription
logo
MMD Components
MDH MMD-MDH Datasheet
112Kb / 2P
MDH & MDT Series Oscillator
logo
M-System Co.,Ltd.
MDH MSYSTEM-MDH Datasheet
109Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Analog Devices
MDH-0870 AD-MDH-0870_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
MDH-1001 AD-MDH-1001_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
logo
M-System Co.,Ltd.
MDH-12 MSYSTEM-MDH-12 Datasheet
109Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDHA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPA24 MSYSTEM-MDPA24 Datasheet
133Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com