Electronic Components Datasheet Search
  English  ▼

X  

MDDNM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDDNM
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDDNM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDDNM Datasheet HTML 1Page - M-System Co.,Ltd. MDDNM Datasheet HTML 2Page - M-System Co.,Ltd. MDDNM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MD-DNM
MD-DNM SPECIFICATIONS
ES-8108 Rev.8 Page 1/3
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR DeviceNet
(Load capacity 8 A)
Functions & Features
•Designed specifically to protect devices connected to
DeviceNet from lightning surges
41 (1.61)
114
(4.49)
100
(3.94)
mm (inch)
MODEL: MD–DNM
ORDERING INFORMATION
• Code number: MD-DNM
GENERAL SPECIFICATIONS
Construction: Stand-alone
Connection: Euro type connector terminal
Applicable wire size: 0.2 to 2.5 mm2, stripped length 10 mm
Housing material: Flame-resistant resin (black)
Alarm indicator: Surge absorber failure indicator turns white
when the fuse is blown.
Alarm relay contact: Turns on in an abnormality of surge
absorber element (when the safety fuse is blown).
Rating: 30 V DC @ 0.5 A (resistive load)
Max. switching voltage: 125 V AC/DC
Max. switching power: 25 VA
Min. load: 5 V DC @ 1 mA
ODVA approval: Not approved (No relevant product
category exists for surge protectors.)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
Number of modules: Max. 4 modules per network
PERFORMANCE
Discharge voltage (peak voltage)
• Signal line
Line to line: ±5 V min.
Line to ground: ±280 V min.
• Power line
Line to line: 26 V min.
Line to ground: ±280 V min.
• Drain
Line to ground: ±280 V min.
Maximum surge voltage
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
• Signal line
Line to line: ±18 V max.
Line to ground: ±800 V max.
• Power line
Line to line: 120 V min.
Line to ground: ±650 V max.
• Drain
Line to ground: ±800 V max.
Response time: ≤ 0.1 μsec.
Leakage current
• Signal line: ≤ 0.3 mA at ±5 V DC
• Power line: ≤ 0.3 mA at 26 V DC
• Line to ground: ≤ 20 μA at ±280 V DC
Discharge current capacity: 1500 A
Maximum load current
• Signal line: 100 mA
• Power line: 8 A
Internal series resistance
• Signal line: 2 Ω × 2
• Power line: ≤ 0.2 Ω
Maximum line voltage
• Signal line: ±5 V
• Power line: 26 V
Capacitance
• Signal line: Approx. 25 pF @ 100 kHz
• Line to ground: Approx. 25 pF @ 100 kHz


Similar Part No. - MDDNM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDDNS MSYSTEM-MDDNS Datasheet
115Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDDNM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com