Electronic Components Datasheet Search
  English  ▼

X  

MD74R-FF Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD74R-FF
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD74R-FF Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD74R-FF Datasheet HTML 1Page - M-System Co.,Ltd. MD74R-FF Datasheet HTML 2Page - M-System Co.,Ltd. MD74R-FF Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MD74R
MD74R SPECIFICATIONS
ES-8058 Rev.11 Page 2/3
https://www.m-system.co.jp/
PERFORMANCE
LINE TO LINE
LINE TO SG
LINE/SG TO EARTH
SHLD TO EARTH
Max. continuous operating voltage (Uc)
±5V
5V
±160V
±160V*
1
Voltage protection level (Up)
@4kV (1.2 / 50 µs)
±25V
25V
±800V
±800V*
1
Leakage current @Uc
≤ 200µA
≤ 200µA
≤ 10µA
≤ 10µA*
1
Response time
≤ 4 nsec.
≤ 4 nsec.
≤ 20 nsec.
≤ 20 nsec.*
1
Approx. capacitance @ 100 kHz
300 pF
300 pF
100 pF
100 pF
Max. discharge current (Imax)
20kA (8 / 20 µs), 1.0kA (10 / 350 µs)
Nominal current (IN)
100mA
Internal series resistance
2Ω ±10% per line
Input attenuation
-0.5 dB max. @DC...2.0 MHz, Z0 = 110Ω
Surge protection
IEC 61643-21 Categories C1, C2, D1
*1. Values for the oating type (FF). Shortcircuited for the grounding type (FG).
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
[.28]
98 [3.86]
(1.5 [.06])
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com