Electronic Components Datasheet Search
  English  ▼

X  

AD698AP Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AD698AP
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD698AP Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AD698AP Datasheet HTML 11Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 12Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 13Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 14Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 15Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 16Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 17Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 18Page - List of Unclassifed Manufacturers AD698AP Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
351
Order Toll Free
1-800-543-4330,
FAX
1-800-765-6960
351
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
NPN
PNP
Application
VCBO
IC
Power
TO-3
2SC1891
-
Audio Output
1200V
1.5A
50W
2SD898
-
Audio Output
1500V
3A
50W
2SD869
-
Horizontal Output
1500V
3.5A
50W
2SC1172
-
Horizontal Output
1500V
5A
50W
2SC2928
-
Horizontal Output
1500V
5A
50W
2SC3659
-
Horizontal Output
1500V
5A
50W
2SD900
-
Horizontal Output w/Damper
1500V
5A
50W
2SD870
-
Horizontal Output
1500V
5A
50W
2SD820
-
Horizontal Output
1500V
5A
50W
2SD1186
-
Horizontal Output
1500V
5A
50W
2SD821
-
Horizontal Output
1500V
6A
50W
2SD871
-
Horizontal Output
1500V
6A
50W
2SC1172B
-
Horizontal Output
1500V
7A
50W
2SD822
-
Horizontal Output
1500V
7A
50W
2SD905
-
Horizontal Output
1400V
8A
50W
BUY69A
-
Horizontal Output
1000V
10A
100W
MJ3055
MJ2955
Audio Output Pair
60V
12A
115W
2N3055
-
General Purpose
100V
15A
115W
2SD424
2SB554
Audio Output Pair
180V
15A
150W
2SD555
2SB600
Audio Output Pair
250V
10A
200W
TO-3P
2SD1554
-
Horizontal Output w/Damper
1500V
3.5A
40W
2SD1453
-
Horizontal Output
1500V
3A
50W
2SD1650
-
Horizontal Output w/Damper
1500V
3.5A
50W
2SD1555
-
Horizontal Output w/Damper
1500V
5A
50W
2SD1398
-
Horizontal Output w/Damper
1500V
5A
50W
2SD1455
-
Horizontal Output
1500V
5A
50W
2SD1556
-
Horizontal Output w/Damper
1500V
6A
50W
2SD1497
-
Horizontal Output
1500V
6A
50W
2SD1941
-
Horizontal Output
1500V
6A
50W
2SC3180 2SA1263
Audio Output Pair
80V
6A
60W
2SD1651
-
Horizontal Output w/Damper
1500V
5A
60W
2SD1652
-
Horizontal Output w/Damper
1500V
6A
60W
2SD1879
-
Horizontal Output w/Damper
1500V
6A
60W
2SD1441
-
Horizontal Output w/Damper
1500V
4A
70W
2SC3181 2SA1264
Audio Output Pair
120V
8A
80W
2SD718
2SB688
Audio Output Pair
120V
8A
80W
2SC3854 2SA1490
Audio Output Pair
120V
8A
80W
2SD1426
-
Horizontal Output w/Damper
1500V
3.5A
80W
2SD1427
-
Horizontal Output w/Damper
1500V
5A
80W
2SD1428
-
Horizontal Output w/Damper
1500V
6A
80W
2SD1065
-
Regulator Switch
60V
15A
90W
2SC3182 2SA1265
Audio Output Pair
140V
10A
100W
2SC3855 2SA1491
Audio Output Pair
140V
10A
100W
2SC2581 2SA1106
Audio Output Pair
140V
10A
100W
2SC2837 2SA1186
Audio Output Pair
150V
10A
100W
2SC3153
-
Regulator Switch
900V
6A
100W
NPN
PNP
Application
VCBO
IC
Power
TO-3P
2SD1047 2SB817
Audio Output Pair
160V
12A
120W
2SC3280 2SA1301
Audio Output Pair
160V
12A
120W
2SC3907 2SA1516
Audio Output Pair
180V
12A
130W
2SC3856 2SA1492
Audio Output Pair
180V
15A
130W
2SC3281 2SA1302
Audio Output Pair
200V
15A
150W
2SD1403
-
Horizontal Output
1500V
6A
150W
TO-92
•ECB Basing except for MPSA43 and MPSA92 which have a Basing of EBC
2SC945
2SA733
General Purpose Amplifier
60V
.1A
.25W
2SC2240
-
General Purpose Amplifier
120V
.1A
.3W
2SC1815
-
General Purpose Amplifier
60V
.15A
.4W
2SC1845
-
General Purpose Amplifier
120V
.5A
.5W
2SC2274
2SA984
General Purpose Amplifier
60V
.5A
.6W
MPSA43
MPSA92
High-Voltage Amplifier
200V
.5A
.625W
2SD438
2SB560
General Purpose Amplifier
100V
.7A
.9W
TO-220
2SC1969
-
CB Output
60V
6A
20W
2SC3298 2SA1306
Power Amp, Isolated Tab
160V
1.5A
20W
2SC2238
2SA968
Audio Output Pair
160V
1.5A
25W
2SC2344 2SA1011
Audio Output Pair
180V
1.5A
25W
2SD386
-
Vertical Output
200V
2A
25W
2SD401
-
Vertical Output
200V
2A
25W
2SD313
2SB507
Audio Output Pair
60V
3A
30W
2SD526
2SB596
Audio Output Pair
80V
4A
30W
2SC1826
2SA768
Audio Output Pair
80V
4A
30W
2SC1986
2SA771
Audio Output Pair
80V
6A
40W
2SD525
2SB595
Audio Output Pair
100V
5A
40W
2SD613
2SB633
Audio Output Pair
100V
6A
40W
2SC2810
-
H.V. Switch, Regulator
500V
7A
50W
2SC2898
-
H.V. Switch, Regulator
500V
8A
50W
TO-66
2SC1445
2SA765
Vertical & Audio Output Pair
80V
6A
40W
TO-5
2N3440
-
Video Output
250V
1A
5W
TB-34
2SC2921 2SA1215
Audio Output Pair
160V
15A
150W
2SC2773 2SA1169
Audio Output Pair
200V
15A
150W
2SC2922 2SA1216
Audio Output Pair
180V
17A
200W
2SC2774 2SA1494
Audio Output Pair
200V
17A
200W
2SC3858 2SA1170
Audio Output Pair
200V
17A
200W
TO-126
2SD600
2SB631
Audio Driver/Output Pair
100V
1A
8W
2SC3117 2SA1249
Audio Driver/Output Pair
180V
1.5A
10W
2SD669
2SB649
Audio Driver/Output Pair
180V
1.5A
20W
TRANSISTOR SELECTOR GUIDE
Whether you're a manufacturer looking for a certain specification or a technician with an impossible to find part number, you
can find it in this easy-to-read chart. Compare the case style below to find the equivalent semiconductor. See semiconductor
pages for pricing.
TO-3P
TO-66
TO-5
TB-34
TO-126
TO-92
TO-220
TO-3
QUICKCross™
•NTE’s popular electronic cross-reference CD
software, version 12.0 •Works on any PC
compatible running WIN95/98/XP or NT with 12Mb
of free disk space Features: •Three fully updated
cross-reference databases for semiconductors, relays
and potentiometers •New cross-reference search
database for switches •Selector guides for capacitors,
resistors and hook-up wire •PDF catalogs for
lightwave LED flashlights and ECG chemicals, solder
irons, outlet strips, test equipment and antenna rotors
•When connected to the internet, you can check
distributor inventory right from the cross reference
screen •Includes active links to data sheets available
on NTE’s web site and local active links to many
informational flyer and catalogs
Order #
(ea.)
QC-006
$5.95
Semiconductor
Cross Reference
Guide
The 12th edition of
this technical guide
and cross reference
is designed to
give engineers,
technicians and
buyers assistance
in selecting the
NTE component best suited to
their application. It includes technical
information for thousands of NTE components and
lists replacements for approximately 383,000 US,
Asian and European semiconductors.
Order #
(1-9)
(10-49)
EL01-012
$4.39
$4.11
138 Piece Transistor/Diode Kit
•Contains 30 of the most popular
transistors, diodes, rectifiers and MOSFETs
•Housed in a 30 drawer cabinet •Includes a NTE
Semiconductor Cross Reference Guide
•Kit contains:
Order #
(1-4 kits)
(5-9 kits)
(10 kits-up)
NTEKCOM1
$245.00
$240.00
$230.00
Type
Qty
NTE109
5
NTE116 10
NTE123AP 5
NTE125 10
NTE128P 5
NTE129P 5
NTE156 10
NTE159
5
Type
Qty
NTE261
5
NTE262
5
NTE263
5
NTE264
5
NTE331
5
NTE332
5
NTE377
5
NTE378
5
Type
Qty
NTE379
5
NTE392
2
NTE519
5
NTE558
5
NTE2302 5
NTE2312 2
NTE2324 2
NTE2331 5
Type
Qty
NTE2337 2
NTE2377 2
NTE2385 2
NTE2389 2
NTE2393 2
NTE2395 2
NTE
C52_pg_351
8/14/07
12:43 PM
Page 351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com