Electronic Components Datasheet Search
  English  ▼

X  

NTP3000 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # NTP3000
Description  1CHIP 2.1CHANNEL FULL DIGITAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NTP3000 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button NTP3000 Datasheet HTML 17Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 18Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 19Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 20Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 21Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 22Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 23Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 24Page - List of Unclassifed Manufacturers NTP3000 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Power Integrated Processor for Digital Amplifier
NTP3000
Copyright © NeoFidelity, Inc. 2005
21
Preliminary datasheet – NeoFidelity reserves the right to change specifications at any time without prior notice
R0.73-11.2006
AT
Auto-mute
detection threshold
00
~0F
See Auto-mute detection threshold tables
00
5 msec
01
50 msec
10
500 sec
II
Auto-mute
response time
11
2 sec
00
Auto mute disable(No-Effect)
01
Channel SoftMute
10
50:50 switching if auto-mute
EAMC
Effect of Auto-mute
condition
11
Stop switching if auto-mute
Table 15 Address 0x06 : Various configuration
Bit
7
6
5
4
3
2
1
0
Name
GEQC
SVI
SMC
Name
Description
Value
Meaning
Ref.
00
42 / 46 msec (at 96 / 88.2kHz)
01
85 / 92 msec
10
21 / 23 msec
SMC
Soft mute
Speed control
11
0 msec (Hard change)
00
Medium speed
01
High speed
10
Low speed
SVI
Soft volume change
11
Soft volume change disable
00
Bypass
10
Configuration 1
GEQC
Graphic EQ
configuration
11
User defined
Table 16 Address 0x07: ALC configuration 1
Bit
7
6
5
4
3
2
1
0
Name
LB
X
X
X
X
Name
Description
Value
Meaning
Ref.
0000
0 dB
~
LB
Lower Bound
for Up condition
relative scale
1101
-12 dB with 1 dB step
Table 17 Address 0x08: ALC configuration 2
Bit
7
6
5
4
3
2
1
0
Name
X
X
APR
CC
Name
Description
Value
Meaning
Ref.
00000
0 dB
~
CC
C control
11111
31 dB with 1 dB step
0
ALC off
APR
ALC enable
1
ALC on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com