Electronic Components Datasheet Search
  English  ▼

X  

CS1694 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS1694
Description  Dynamic LED control/drive circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS1694 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS1694 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS1694 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CS1694
第
6 页 共 9 页
电路开关特性
PW
PW
PW
t
t
t
tt
t
t
t
t
fosc
CLK
STB
CLK
setup
hold
TZL
TLZ
THZ
TZH
CLK-STB
PZL
PLZ
50%
90%
10%
10%
90%
Osc
Stb
Clk
Din
Dout
Gridn
Segn
其中
PWCLK 时钟脉宽
400ns
PWstb Stb 脉宽
1
µs
tsetup 数据设置时间
100ns
thold 数据保持时间
100ns
tClk-Stb Clk-Stb 时间
1
µs
tTHZ 下降时间
10
µs
tTZH 上升时间
1
µs
tPZL 传送延迟时间
100ns
fosc=振荡器频率
tPLZ 传送延迟时间
300ns
tTZL<1µs
tTLZ<10µs
测试条件
tTHZ 下拉电阻 10kΩ 负载 300pF
tTLZ 上拉电阻 10kΩ 负载 300pF
* Din 与 Dout 键合在一起



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com