Electronic Components Datasheet Search
  English  ▼

X  

CS1694EO Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CS1694EO
Description  Dynamic LED control/drive circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS1694EO Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CS1694EO Datasheet HTML 2Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 3Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 4Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 5Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 6Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 7Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 8Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 9Page - List of Unclassifed Manufacturers CS1694EO Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CS1694
第
9 页 共 9 页
典型应用线路图
Osc
Din & Dout
Clk
Stb
Key1
Key2
Vdd
Seg1/Ks1
Seg2/Ks2
Seg3/Ks3
Seg4/Ks4
Seg5/Ks5
Seg6/Ks6
Seg7/Ks7
Seg8/Ks8
Seg9/Ks9
Seg10/Ks10
Seg12/Gird7
Gird6
Gird5
Vdd
Gnd
Gird4
Gird3
Gnd
Gird2
Gird1
Gnd
S1
S2
S3
S4
S5
S6
+5V
S7
S8
S9
S10
S12
DIGIT1
DIGIT2
DIGIT3
DIGIT4
DIGIT5
DIGIT6
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG12
0.1uf
+5V
G1
G2
G3
G4
G5 G6
G1
G2
G3
G4
G5
G6
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S12
MCU
51k
+5V
10k
注
1
在
Vdd 与 Gnd 之间的 0.1
µF 电容在布局时 越靠近芯片效果越好
2
特别建议将
NC 脚与 Gnd 相联



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com