Electronic Components Datasheet Search
  English  ▼

X  

ICS91857 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS91857
Description  Value SSTL_2 Clock Driver (60MHz - 220MHz)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91857 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS91857 Datasheet HTML 6Page - Integrated Circuit Systems ICS91857 Datasheet HTML 7Page - Integrated Circuit Systems ICS91857 Datasheet HTML 8Page - Integrated Circuit Systems ICS91857 Datasheet HTML 9Page - Integrated Circuit Systems ICS91857 Datasheet HTML 10Page - Integrated Circuit Systems ICS91857 Datasheet HTML 11Page - Integrated Circuit Systems ICS91857 Datasheet HTML 12Page - Integrated Circuit Systems ICS91857 Datasheet HTML 13Page - Integrated Circuit Systems ICS91857 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ICS91857
0494C—08/15/05
Designation for tape and reel packaging
RoHS Compliant (Optional)
Pattern Number
Package Type
L = TSSOP (TVSOP)
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
Example:
ICS XXXX y L - PPP - LF -T
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
Ordering Information
ICS91857yLLFT
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.13
0.23
.005
.009
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a0°
8°
0°
8°
aaa
--
0.08
--
.003
VARIATIONS
MIN
MAX
MIN
MAX
48
9.60
9.80
.378
.386
10-0037
N
D mm.
D (inch)
Reference Do c.: JEDEC P ublicatio n 95, M O-153
0.40 BASIC
0.016 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
4.40 mm. Body, 0.40 mm. pitch TSSOP (TVSOP)
(173 mil)
(16 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com