Electronic Components Datasheet Search
  English  ▼

X  

EC5579 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC5579
Description  181 Channel Voltage Buffers for TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5579 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC5579 Datasheet HTML 4Page - E-CMOS Corporation EC5579 Datasheet HTML 5Page - E-CMOS Corporation EC5579 Datasheet HTML 6Page - E-CMOS Corporation EC5579 Datasheet HTML 7Page - E-CMOS Corporation EC5579 Datasheet HTML 8Page - E-CMOS Corporation EC5579 Datasheet HTML 9Page - E-CMOS Corporation EC5579 Datasheet HTML 10Page - E-CMOS Corporation EC5579 Datasheet HTML 11Page - E-CMOS Corporation EC5579 Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EC5579
18+1 Channel Voltage Buffers for TFT LCD
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 12
2007/06/29
Output Phase Reversal
The EC5579 is designed to prevent its output from being phase reversal as long as the input voltage is limited from
VS--0.5V to VS+ +0.5V. Figure 2 shows a photo of the device output with its input voltage driven beyond the supply
rails. Although the phase of the device's output will not be reversed, the input's over-voltage should be avoided. An
improper input voltage exceeds supply range by more than 0.6V may result in an over stress damage.
Figure11. Operation with Beyond-the Rails Input
Power Dissipation
The EC5579 is designed for maximum output current capability. Even though momentary output shorted to ground
causes little damage to the device.
For the high drive amplifier EC5579, it is possible to exceed the 'absolute-maximum junction temperature' under
certain load current conditions. Therefore, it is important to calculate the maximum junction temperature for the
application to determine if load conditions need to be modified for the amplifier to remain in the safe operating area.
The maximum power dissipation allowed in a package is determined according to:
JA
Amax
Jmax
Dmax
T
-
T
P
Θ
=
Where:
TJmax = Maximum Junction Temperature
TAmax= Maximum Ambient Temperature
Θ
JA = Thermal Resistance of the Package
PDmax = Maximum Power Dissipation in the Package.
The maximum power dissipation actually produced by an IC is the total quiescent supply current times the total
power supply voltage, plus the power in the IC due to the loads, or:
PDmax =∑i[VS * ISmax + (VS+ – VO) * IL]
When sourcing, and
PDmax = ∑i[VS * ISmax + (VO – VS-) * IL]
When sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com