Electronic Components Datasheet Search
  English  ▼

X  

BU2506DF Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BU2506DF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU2506DF Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BU2506DF Datasheet HTML 9Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 10Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 11Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 12Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 13Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 14Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 15Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 16Page - List of Unclassifed Manufacturers BU2506DF Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
349
Order Toll Free
1-800-543-4330,
FAX
1-800-765-6960
349
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
General Purpose Silicon Rectifiers
lo
Case
Order # (A avg) PRV (V) Style
(1-4)
(5-9) (10-29)
1N4001F
1.0
50
DO-41
$0.05 $0.05
$0.04
1N4002F
1.0
100
DO-41
0.08
0.07
0.06
1N4003F
1.0
200
DO-41
0.08
0.07
0.06
1N4004F
1.0
400
DO-41
0.05
0.04
-
1N4005F
1.0
600
DO-41
0.08
0.07
0.06
1N4006F
1.0
800
DO-41
0.08
0.07
0.06
1N4007F
1.0
1000
DO-41
0.05
0.04
-
1N5399
1.5
1000
DO-15
0.81
0.74
0.66
RL157
1.5
1000
DO-15
2.47
2.27
2.09
RL207
2.0
1000
DO-15
0.60
0.53
0.47
2.5A 1KV 2.5
1000
DO-41
0.05
0.04
0.00
1N5400
3.0
50
DO-201AD 0.24
0.22
0.20
1N5401
3.0
100
DO-201AD 0.25
0.23
0.21
1N5402
3.0
200
DO-201AD 0.20
0.18
0.16
1N5404
3.0
400
DO-201AD 0.21
0.20
0.18
1N5405
3.0
600
DO-201AD 0.51
0.48
0.43
1N5406
3.0
600
DO-201AD 0.28
0.27
0.23
1N5408
3.0
1000
DO-201AD 0.26
0.25
0.23
6A05
6.0
50
R-6
0.45
0.42
0.38
6A1
6.0
100
R-6
0.46
0.42
0.37
6A10
6.0
100
R-6
0.46
0.43
0.39
6A2
6.0
200
R-6
0.48
0.44
0.39
6A20
6.0
200
R-6
0.48
0.44
0.39
6A4
6.0
400
R-6
0.53
0.48
0.43
6A40
6.0
400
R-6
0.53
0.48
0.43
6A6
6.0
600
R-6
0.59
0.52
0.45
6A60
6.0
600
R-6
0.59
0.52
0.45
6A8
6.0
800
R-6
0.59
0.52
0.45
6A80
6.0
800
R-6
0.59
0.52
0.45
Schottky Barrier Rectifiers
lo
PRV Case
Order # (A avg)
(V)
Style
(1-4)
(5-9) (10-29)
1N5817
1.0
20
DO-41
$0.43 $0.40 $0.36
1N5818
1.0
30
DO-41
0.44
0.40
0.36
1N5819
1.0
40
DO-41
0.45
0.42
0.38
1N5820
3.0
20
DO-201AD
0.88
0.82
0.72
1N5821
3.0
30
DO-201AD
0.88
0.82
0.72
1N5822
3.0
40
DO-201AD
0.91
0.84
0.74
SR502
5.0
20
DO-201AD
1.07
0.98
0.84
SR503
5.0
30
DO-201AD
1.07
0.98
0.84
SR504
5.0
40
DO-201AD
1.07
0.98
0.84
SR505
5.0
50
DO-201AD
1.07
0.98
0.84
SR506
5.0
60
DO-201AD
1.07
0.98
0.84
SR1620C 16.0
20
TO-220
5.89
5.42
4.99
SR1630C 16.0
30
TO-220
5.89
5.42
4.99
SR1640C 16.0
40
TO-220
5.89
5.42
4.99
SR1650C 16.0
50
TO-220
5.89
5.42
4.99
High Efficiency Rectifiers
lo
PRV TRR
Case
Order # (A avg) (V) (nsec) Style
(1-4) (5-9) (10-29)
HER101
1.0
50
50
DO-41
$0.72 $0.66 $0.61
HER102
1.0 100 50
DO-41
0.72
0.66
0.61
HER103
1.0 200 50
DO-41
0.59
0.54
0.50
HER104
1.0 300 50
DO-41
0.45
0.42
0.38
HER105
1.0 400 50
DO-41
0.45
0.42
0.38
HER106
1.0 600 70
DO-41
0.45
0.42
0.38
HER107
1.0 800 70
DO-41
0.45
0.42
0.38
HER201
2.0
50
50
DO-15
0.56
0.50
0.45
HER202
2.0 100 50
DO-15
0.56
0.50
0.45
HER203
2.0 200 50
DO-15
0.56
0.50
0.45
HER204
2.0 300 50
DO-15
0.56
0.50
0.45
HER205
2.0 400 50
DO-15
0.62
0.58
0.49
HER206
2.0 600 70
DO-15
0.67
0.63
0.55
HER207
2.0 800 70
DO-15
0.74
0.68
0.61
HER301
3.0
50
50
DO-201AD 1.82
1.64
1.43
HER302
3.0 100 50
DO-201AD 1.82
1.64
1.43
HER303
3.0 200 50
DO-201AD 1.67
1.54
1.42
HER304
3.0 300 50
DO-201AD 1.82
1.64
1.43
HER305
3.0 400 50
DO-201AD 0.78
0.72
0.64
HER306
3.0 600 70
DO-201AD 0.83
0.77
0.67
HER307
3.0 800 70
DO-201AD 0.87
0.82
0.70
HER508
5.0 1000 70
DO-201AD 2.46
2.24
1.94
HER1605 16.0 400 50
TO-220
5.39
4.96
4.56
Fast Recovery Glass Passivated Rectifiers
Io
PRV
Case
Order #
(A avg)
(V)
Style
(ea.)
1N4947G
1.0
800
DO-41
$0.16
Fast Recovery Rectifiers
lo
PRV TRR
Case
Order # (A avg) (V) (nsec) Style
(1-4) (5-9) (10-29)
1N4933 1.0
50
200
DO-41
$0.15 $0.14 $0.12
1N4934 1.0
100
200
DO-41
0.15 0.14
0.12
1N4935 1.0
200
200
DO-41
0.17 0.16
0.14
1N4936 1.0
400
200
DO-41
0.19 0.18
0.16
1N4936G 1.0
600
200
DO-41
0.19 0.18
0.16
1N4937 1.0
400
200
DO-41
0.27 0.26
0.25
1N4937G 1.0
600
200
DO-41
0.27 0.26
0.25
1N4948 1.0 1200 500
DO-41
0.45 0.42
0.38
FR104
1.0
400
150
DO-41
0.47 0.44
0.40
FR107
1.0 1000 500
DO-41
0.47 0.44
0.40
FR157
1.5 1000 500
DO-15
0.60 0.53
0.47
FR207
2.0 1000 500
DO-15
0.92 0.85
0.74
FR257
2.5 1000 500
R-3
0.97 0.89
0.82
FR301
3.0
50
150
DO-201AD 0.77 0.70
0.63
FR302
3.0
100
150
DO-201AD 0.77 0.70
0.63
FR303
3.0
200
150
DO-201AD 0.97 0.90
0.79
FR304
3.0
400
150
DO-201AD 0.86 0.80
0.70
FR305
3.0
600
250
DO-201AD 0.97 0.89
0.79
FR306
3.0
800
500
DO-201AD 0.88 0.80
0.69
FR307
3.0 1000 500
DO-201AD 0.97 0.89
0.79
FR607
6.0 1000 500
R-6
2.59 2.26
1.94
Super Fast Rectifiers
lo
PRV TRR
Case
Order # (A avg) (V) (nsec) Style
(1-4) (5-9) (10-29)
SF12
1.0
100
30
DO-41
$0.35 $0.30 $0.27
SF14
1.0
200
30
DO-41
0.39
0.37
0.31
SF16
1.0
400
30
DO-41
1.17
1.06
0.92
SF21
2.0
50
50
DO-15
1.58
1.44
1.25
SF24
2.0
200
50
DO-15
1.58
1.44
1.25
SF26
2.0
400
75
DO-15
1.58
1.44
1.25
SF36
2.0
400 125
DO-201AD 1.62
1.49
1.37
SF51
5.0
50
150
DO-201AD 2.69
2.40
2.08
SF56
5.0
400 150
DO-201AD 2.69
2.40
2.08
SF161C 16.0
50
125
TO-220
3.26
2.85
2.44
SF162C 16.0 100 125
TO-220
3.26
2.85
2.44
SF164A 16.0 200 125
TO-220
9.11
7.93
7.22
SF166
16.0 400 125
TO-220
9.11
7.93
7.22
High Speed Switching Rectifiers
lo
PRV TRR
Case
Order # (A avg) (V) (nsec) Style
(1-4)
(5-9) (10-29)
MA165
100
35
10
DO-41 $0.13 $0.12 $0.09
1S2473
110
40
4.0
DO-35
1.13
1.04
0.96
1S2076
150
35
3.5
DO-35
0.13
0.12
0.09
1N4151
200
75
2.0
DO-35
0.14
0.13
0.12
1N4448
200
75
4.0
DO-35
0.22
0.21
0.18
1N914
200
100
4.0
DO-35
0.08
0.07
0.06
1N4148
200
100
4.0
DO-35
0.06
0.05
0.04
1N4149
200
100
4.0
DO-35
0.22
0.21
0.18
1N4150
250
50
4.0
DO-35
0.32
0.28
0.25
1N4153
200
75
4.0
DO-35
1.13
1.04
0.96
1N4154
200
35
4.0
DO-35
1.13
1.04
0.96
1N4454
200
75
2.0
DO-35
0.28
0.26
0.22
Bridge Rectifiers
•UL recognized•400V •#28-1270
is a surface mount version
Order #
Fig.
Current (A)
(1-9)
(10-up)
28-1320
A
1.0
$0.94
$0.85
28-1270
B
1.0
0.94
0.85
28-1325
C
1.5
0.93
0.84
28-1330
C
2.0
0.78
0.69
28-1335
D
2.0
1.64
1.58
28-1340
E
3.0
1.23
1.08
28-1345
D
4.0
1.56
1.42
28-1350
E
6.0
1.94
1.77
28-1275
F
6.0
2.33
2.17
28-1355
E
8.0
2.50
2.22
28-1360
E
10.0
3.27
3.14
28-1370
G
25.0
4.81
4.60
28-1375
G
35.0
5.59
5.24
A
B
C
D
E
F
G
General Purpose
Rectifier Diode Kit
Save on general
purpose silicone
rectifiers used in
virtually every
piece of electronics
equipment. Contains
the most popular
values which may
be substituted for
many other values to
replace almost any
rectifier diode. A
must for repair bench or schools. Also contains
electrical specifications and reorder numbers.
Kit includes ten each of: 1N4002F, 1N4004F,
1N4006F, 1N4007F, 1N5401, 1N5404, 1N5407G,
1N5408, 6A10, 6A40, 6A80, and 6A100
Order #
(kit)
102-026
$24.95
Zener Diode Kit
•All values rated at 1W
Kit contains ten
each of:
Order #
(kit)
102-003
$20.95
Voltage Refill #
3.3V
1N4728
5.1V
1N4733
5.6V
1N4734A
6.2V
1N4735A
6.8V
1N4736
Voltage Refill #
7.5V
1N4737
8.2V
1N4738
9.1V
1N4739
10V
1N4740
11V
1N4741
Voltage Refill #
12V
1N4742
13V
1N4743
15V
1N4744
16V
1N4745
18V
1N4746
Transistor Insulators
Fig. Order #
Type
Qty. (1-9) (10-24) (25-49)
A 21-1165
TO-3 mica
25
$4.32 $3.77
$3.44
A 21-1150
TO-3 silicon
10
3.28
2.93
2.60
rubber
B 21-1170
TO-3P mica
25
4.21
3.77
3.44
B 21-1155
TO-3P silicon
10
2.29
2.02
1.69
rubber
C 21-1175
TO-220 mica
25
2.52
2.14
2.02
C 21-1160
TO-220 silicon 10
1.30
1.08
0.98
rubber
A
B
C
Multicomp offers a full-line of high quality bridge rectifiers
available in a wide range of currents and voltages.
Transistor
Reference Software
Compiled so the user can
substitute transistors
that perform the same,
despite their different part
numbers. Crosses
are made according to
maximum ratings and
electrical characteristics. Approximately 8,000 entries.
Order #
(ea.)
81-2460
$20.15
C52_pg_349
8/14/07
12:42 PM
Page 349



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com