Electronic Components Datasheet Search
  English  ▼

X  

BU2520DF Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # BU2520DF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU2520DF Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button BU2520DF Datasheet HTML 20Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 21Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 22Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 23Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 24Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 25Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 26Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 27Page - List of Unclassifed Manufacturers BU2520DF Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
360
Order Online
www.mcmelectronics.com
NET 30
Terms
Semiconductors/
Components
section
16
Memory Back-Up Capacitors
•Used in VCRs and other electronic
equipment to maintain clock and other
presets when power is removed from unit
•Radial •5.5V
Order #
Farad
(1-4)
(5-9)
(10-29)
31-0755
.047
$4.13
$3.74
$3.40
31-8330
.1
4.99
4.59
3.99
31-0750
.22
5.99
5.49
4.99
31-8335
.33
6.99
6.39
5.89
31-8340
.47
7.99
7.49
6.99
31-0760
1.0
8.45
8.10
7.37
High-Temperature Axial
Aluminum Electrolytic Capacitors (105°C)
High-temperature capacitors suitable for many
consumer and industrial applications. •Operating
temperature: -40°~+105°C •±20% tolerance
Order #
µF
Dia. x L. (mm) (1-9) (10-49) (50-99)
16 Volts
92N5437
100
6.3 x 14
$0.50
$0.36
$0.27
92N5439
470
8 x 16
0.81
0.58
0.42
92N5440
1000
10 x 21
1.12
0.78
0.56
92N5441
2200
13 x 24
1.53
1.10
0.79
92N5442
4700
16 x 33
2.55
1.83
1.32
25 Volts
92N5444
22
5 x 13
0.50
0.36
0.27
92N5445
47
6 x 13
0.55
0.40
0.29
92N5448
470
10 x 21
1.01
0.73
0.53
92N5449
1000
13 x 22
1.63
1.14
0.82
92N5450
2200
16 x 28
2.55
1.83
1.32
92N5451
4700
18 x 36
3.58
2.58
1.84
35 Volts
92N5453
22
5 x 13
0.50
0.35
0.26
92N5455
100
8 x 16
3.06
2.14
1.54
92N5457
470
13 x 22
1.53
1.10
0.79
92N5458
1000
13 x 27
1.83
1.32
0.95
50 Volts
92N5461
.47
6 x 12
0.55
0.39
0.28
92N5462
1.0
6 x 12
0.55
0.40
0.29
92N5463
2.2
6 x 12
0.55
0.40
0.29
92N5464
3.3
6 x 12
0.55
0.39
0.28
92N5465
10
6 x 12
0.55
0.40
0.29
92N5467
47
8 x 16
0.91
0.66
0.47
92N5468
100
10 x 17
0.91
0.64
0.46
92N5470
330
13 x 22
1.53
1.07
0.77
92N5471
470
16 x 28
1.63
1.17
0.84
63 Volts
92N5473
10
6 x 13
0.55
0.39
0.28
92N5474
22
6.3 x 14
0.55
0.39
0.28
92N5476
100
10 x 17
1.01
0.73
0.53
92N5478
470
13 x 27
2.24
1.57
1.13
92N5479
1000
16 x 33
4.50
3.15
2.26
100 Volts
92N5481
1.0
5 x 13
0.60
0.42
0.31
92N5482
2.2
5 x 13
0.60
0.42
0.31
92N5483
4.7
6 x 13
0.60
0.43
0.32
92N5484
10
6.3 x 14
0.60
0.43
0.32
92N5485
22
8 x 16
0.71
0.50
0.37
92N5486
47
10 x 21
1.22
0.88
0.64
92N5487
100
13 x 22
1.53
1.10
0.79
Order #
µF
(1-4)
(5-9)
(10-24)
50 Volts
31-580
.47
$1.50
$1.35
$1.15
31-590
1.0
1.50
1.35
1.15
31-600
2.2
1.50
1.35
1.15
31-610
3.3
1.38
1.25
1.09
31-2025
4.0
1.32
1.19
1.04
31-620
4.7
1.80
1.62
1.39
31-2030
6.8
1.50
1.35
1.15
31-630
10.0
1.50
1.35
1.15
31-2035
14.0
1.65
1.48
1.27
31-640
22.0
2.00
1.79
1.54
31-650
33.0
2.35
2.04
1.76
31-660
47.0
1.60
1.43
1.24
31-2040
100.0
3.16
2.83
2.58
31-2045
200.0
3.48
3.11
2.83
Order #
µF
(1-4)
(5-9)
(10-24)
100 Volts
31-1290
.47
$1.80
$1.62
$1.39
31-1295
1.0
1.80
1.62
1.39
31-1300
2.2
1.80
1.62
1.39
31-1305
3.3
1.80
1.62
1.39
31-2050
4.0
2.20
1.95
1.73
31-1310
4.7
2.00
1.79
1.54
31-2055
6.8
2.15
1.93
1.66
31-1315
10.0
1.17
1.14
1.04
31-2060
14.0
2.10
1.88
1.62
31-1320
22.0
2.00
1.79
1.54
31-0685
33.0
2.25
2.02
1.73
31-0690
47.0
1.94
1.76
1.64
31-0695
80.0
2.03
1.96
1.72
31-2065
100.0
3.95
3.54
3.22
31-0700
125.0
3.48
3.11
2.83
31-0705
150.0
3.94
3.57
3.24
31-2070
200.0
7.18
6.65
6.06
Tantalum Electrolytic Capacitors
•T350 series •Operating temperature:
-55°C~125°C •Tolerance: ±10% •Sorry-no
mixing of values for quantity pricing
Order #
µF
Dia. x H.
(1-4)
(5-9)
(10-24)
16 Volts
31-4310
10
.216" x .350"
$0.53
$0.53
$0.50
31-4315
22
.236" x .390"
0.74
0.65
0.60
31-4330
100
.350" x .630"
4.17
3.74
3.31
20 Volts
31-4345
47
.350" x .530"
1.92
1.86
1.65
31-4350
100
.400" x .670".
4.70
4.40
3.96
25 Volts
31-4370
47
.350" x .530"
3.10
2.97
2.64
35 Volts
31-4410
22
.350" x .530"
1.92
1.86
1.65
50 Volts
31-4425
10
.350" x .530"
2.46
2.31
2.09
Motor Start
Capacitors
•Provides the
torque necessary
to start AC motors
and in other
intermittent AC
applications •50/60Hz
•Plastic case •Dimensions: 17⁄16" (D) x
23⁄4" (H), except #31-10180 and 31-10185
which are 113⁄16" (D) x 33⁄8" (H) •Don’t see the value you
need? We can provide all values. Please contact your
friendly account representative to place a special order.
Order #
MFD
Industry No.
(1-4)
(5-9)
110~250V
31-10060
21~25
11002
$3.38
$2.96
31-10065
25~30
11003
3.86
3.39
31-10070
30~36
11004
3.86
-
31-10075
36~43
11005
3.86
3.39
31-10080
43~53
11006
3.86
-
31-10085
47~56
-
4.20
3.68
31-10090
56~75
11007
4.20
3.68
31-10095
64~77
-
4.20
3.68
31-10100
72~88
11008
4.20
3.68
31-10105
88~108
11009
4.20
3.68
31-10110
108~130
11010
4.20
3.68
31-10115
124~149
11112
4.20
3.68
31-10120
130~156
-
4.20
3.68
31-10125
145~174
11013
4.20
3.68
31-10130
161~193
11014
4.20
3.68
31-10135
189~227
11015
4.20
3.68
220~250V
31-10140
21~25
11038
5.46
4.79
31-10145
25~30
11039
5.76
5.05
31-10150
30~36
11040
5.76
5.05
31-10155
36~43
11041
5.76
5.05
31-10160
43~53
11042
6.16
5.40
31-10165
47~56
-
7.38
6.47
31-10170
53~64
11043
7.38
6.47
31-10175
64~77
-
7.72
6.77
31-10180
72~88
11044
7.72
6.77
31-10185
88~108
11045
7.72
6.77
Motor Run Capacitors
•Used in motor run, HVAC, lighting and power
supply applications •50/60Hz •Single section
•Metal case •Don’t see the value you need? We
can provide all values. Please contact your friendly
account representative to place a special order.
Fig. Order #
MFD Case Style Industry No. (1-4)
(5-9)
370 Volt
A
31-10190
2
Oval
12002
$7.50
$6.58
A
31-10195
3
Oval
12003
7.50
6.58
A
31-10200
4
Oval
12004
7.50
6.58
A
31-10205
5
Oval
12005
7.50
6.58
A
31-10210
6
Oval
12006
7.50
6.58
A
31-10215
7.5
Oval
12007
7.50
6.58
A
31-10220
10
Oval
12008
7.50
6.58
A
31-10225
15
Oval
12010
10.96
9.61
A
31-10230
25
Oval
12015
15.10
13.25
A
31-10235
30
Oval
12017
17.36
15.23
A
31-10240
35
Oval
12018
17.36
15.23
A
31-10245
40
Oval
12021
20.06
17.60
B
31-10250
5
Round
-
6.50
5.70
B
31-10255
10
Round
-
8.56
7.51
B
31-10260
15
Round
12210
11.40
10.00
B
31-10265
20
Round
12214
13.40
11.75
B
31-10270
25
Round
12215
16.10
14.12
B
31-10275
30
Round
12217
17.40
15.26
B
31-10280
35
Round
12218
17.64
15.47
B
31-10285
40
Round
12221
21.94
19.25
440 Volt
A
31-10290
2
Oval
12026
9.26
8.12
A
31-10295
3
Oval
12027
9.26
8.12
A
31-10300
4
Oval
12028
9.26
8.12
A
31-10305
5
Oval
12029
9.26
8.12
A
31-10310
6
Oval
12030
10.02
8.79
A
31-10315
10
Oval
12032
10.22
8.96
A
31-10320
15
Oval
12034
14.56
12.77
A
31-10325
20
Oval
12037
16.70
14.65
A
31-10330
25
Oval
12040
19.44
17.05
A
31-10335
30
Oval
12041
19.44
17.05
A
31-10340
35
Oval
12043
20.04
17.58
A
31-10345
40
Oval
12045
23.60
20.70
B
31-10350
5
Round
-
7.70
6.75
B
31-10355
10
Round
12232
10.20
8.95
B
31-10360
15
Round
12234
16.80
14.74
B
31-10365
20
Round
12237
17.60
15.44
B
31-10370
25
Round
12240
18.70
16.40
B
31-10375
30
Round
12241
19.94
17.49
B
31-10380
35
Round
12243
20.14
17.67
B
31-10385
40
Round
12245
22.64
19.86
B
A
Nonpolarized Electrolytic Capacitors
•Ideal for crossover networks •Axial type •Sorry-no mixing of
values for quantity pricing
C52_pg_360
8/17/07
5:18 PM
Page 360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com