Electronic Components Datasheet Search
  English  ▼

X  

T92 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # T92
Description  T92 Series Two-pole Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T92 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  T92 Datasheet HTML 1Page - TE Connectivity Ltd T92 Datasheet HTML 2Page - TE Connectivity Ltd T92 Datasheet HTML 3Page - TE Connectivity Ltd T92 Datasheet HTML 4Page - TE Connectivity Ltd T92 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
04-2021, Rev. 0421
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
T92 Series Two-pole Power Relay (Continued)
Product code structure (T92H type)
Typical product code
T92H
P
7
D
1
X
-12
Type
T92H Power relay T92 High Performance (50A)
Enclosure
P
Dust protected plastic case
S
Wash-tight, tape sealed, plastic case (Mounting and termination code 1)
Contact arrangement
7
2 form A (2 NO)
Coil Input
D
DC voltage
Mounting and termination
1
Printed circuit board mount; printed circuit board terminals.
Contact material
X
Special Ag Alloy X (Cd Free)
Coil voltage
Coil code: please refer to coil versions table
Product code
Enclosure
Contacts
Coil
Mounting
Contact Material
Coil
Part number
T92HP7D1X-12
Plastic dust cover
2 form A, 2 NO
DC
PCB terminals
Special Ag Alloy X (Cd Free)
12VDC
6-1423008-6
T92HP7D1X-24
24VDC
6-1423008-7
T92HP7D1X-48
48VDC
6-1423008-9
Product code structure
Typical product code
T92
S
11
D
2
2
-24 -99
Type
T92
Printed circuit board / panel mount power relay T92
Enclosure
P
Dust protected plastic case
S
Wash-tight, tape sealed, plastic case (Mounting and termination code 1)
Wash-tight, glue sealed, plastic case (Mounting and termination code 1, 2 for anti-explosion version)
Top sealed, not wash-tight, not tape sealed on bottom (Mounting and termination codes 2, 3 & 4)
Contact arrangement
7
2 form A (2 NO)
11 2 form C (2 CO)
Coil Input
A
AC voltage, 60Hz or 50/60 Hz (consult coil versions table)
D DC voltage
F AC voltage, 50Hz
Mounting and termination
1
Printed circuit board mount; printed circuit board terminals.
2
Panel mount via flanged cover; .250” (6.35mm) x .032” (.81mm) QC terminal
3
Panel mount via flanged cover; .187” (4.75mm) x .032” (.81mm) QC terminals for coil and .250” (6.35mm) for contacts
4
Panel mount via flanged cover, .187” (4.75mm) x .020” (.51mm) QC terminals for coil and .250” (6.35mm) for contacts.
5
Panel mount via flanged cover, M4 screws w/ captive pressure plates. Requires Enclosure P and Contact arrangement 7.
Contact material
2
AgCdO
4
AgSnOInO
X
Special Ag Alloy X (Cd Free)
Coil voltage
Coil code: please refer to coil versions table
Customer code
-99
Anti-explosion
-00
WG version
Note. This list represents the most common types and does not show all variants covered by this datasheet, other types on request.
Product code structure (T92 type)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com