Electronic Components Datasheet Search
  English  ▼

X  

TS-ICT-INFOAP Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # TS-ICT-INFOAP
Description  CONNECTIVITY SOLUTIONS FOR INFOTAINMENT APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TS-ICT-INFOAP Datasheet(HTML) 4 Page - TE Connectivity Ltd

  TS-ICT-INFOAP Datasheet HTML 1Page - TE Connectivity Ltd TS-ICT-INFOAP Datasheet HTML 2Page - TE Connectivity Ltd TS-ICT-INFOAP Datasheet HTML 3Page - TE Connectivity Ltd TS-ICT-INFOAP Datasheet HTML 4Page - TE Connectivity Ltd TS-ICT-INFOAP Datasheet HTML 5Page - TE Connectivity Ltd TS-ICT-INFOAP Datasheet HTML 6Page - TE Connectivity Ltd TS-ICT-INFOAP Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PAGE 7
PAGE 6
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// INFOTAINMENT
Connection Products for Infotainment Applications
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// INFOTAINMENT
Connection Products for Infotainment Applications
Ethernet Connector System Overview
TE Connectivity’s new portfolio of Ethernet connectors provide
robust full duplex, wire-to-wire connections for multifunction
displays, telematics, telemetry units, infotainment modules, and
media access controllers. The new Ethernet products can be utilized
to connect external cameras and sensing modules to improve
operator situation awareness for enhanced safety using Ethernet
differential signal transmission communication protocols.
TE’S NEW ETHERNET CONNECTORS:
• Utilize unshielded twisted pair (UTP) cable
• Employ industry proven 1.2 mm MCON terminals with MAT seal technology
• Are designed for 100 Base-T1 one pair Ethernet (OPEN) applications and compatible with BroadR-
Reach compliant single port automotive Ethernet transceivers
• Provide low cost, high performance solutions for high speed (up to 100 Mb/s) communications
ORDERING INFORMATION
Description
Series P/N
Sealed 2P Ethernet plug, key A with CPA
2292906-1
Sealed 2P Ethernet plug, key B with CPA
2292906-2
Sealed 2P Ethernet cap, in-line, key A
2292937-1
Sealed 2P Ethernet cap, in-line, key B
2292937-2
MCON 1.2 mm clean body receptacle terminal
1670144-2
MCON 1.2 mm clean body pin terminal
1718350-2
APPLICABLE TE PRODUCT DOCUMENTATION
108-18782 (Product Specification)
114-18464 (Application Specification)
Note: Our portfolio of Ethernet connectors is growing. Please contact your TE representative for any additional products needed for
your application. With a specialized global team and dedicated engineering, we can help develop solutions to accommodate your
designs.
Circular Sealed USB Connector Overview
To support the increasingly wide-spread use of standard Universal
Serial Bus (USB) in industrial and commercial transportation
equipment applications, TE offers ruggedized, circular sealed USB
connectors. The circular sealed USB connectors provide the popular
high speed standard USB 2.0 consumer and operator interface for
service ports and other transportation related harsh environment
applications.
TE’S CIRCULAR SEALED USB CONNECTORS FEATURE:
• IP67 sealing performance
• 1/4 turn bayonet coupling ring
• Standard A plug and standard B plug
• Through-panel mating receptacles
• Pre-made standard length cable assemblies
• Available in both plastic and metal shell configurations
• USB 2.0 compliant
ORDERING INFORMATION
Description
Part Number
Plug kit, USB series A
1954637-1
Plug kit, USB series B
1954640-1
Recept kit, series A to series A
1954643-1
USB 2 row recept, right angle board header assembly
1903815-1
USB single row recept, right angle board header assembly
1903814-1
Plug kit, USB series A, metal shell
2058362-1
Plug kit, USB series B, metal shell
2058363-1
Recept kit, series A to series A
2058364-1
Recept kit, series B to series A
2058365-1
Cable assembly, metal circular sealed type A plug to overmolded type B plug
2058188-1
Cable assembly, metal circular sealed type A plug to metal circular sealed type B plug
2058187-1
Cable assembly, plastic circular sealed type A plug to plastic circular sealed type B
plug
2058689-1
Cable assembly, plastic circular sealed type A plug to overmolded type B plug
2008690-1
*Representative part numbers, for other configurations and acceptable cable types, see full line catalog
APPLICABLE TE PRODUCT DOCUMENTATION
1-1773463-4 (Full Line Catalog)
108-2318 (Product Specification, Circular Sealed)
108-78523 (Product Specification)
114-13211 (Application Specification, Circular Sealed)
114-5434 (Application Specification)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com