Electronic Components Datasheet Search
  English  ▼

X  

SRL545 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SRL545
Description  SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SRL545 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SRL545 Datasheet HTML 1Page - Rectron Semiconductor SRL545 Datasheet HTML 2Page - Rectron Semiconductor SRL545 Datasheet HTML 3Page - Rectron Semiconductor SRL545 Datasheet HTML 4Page - Rectron Semiconductor SRL545 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 45 Volts CURRENT 5.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SRL545
DO-201AD
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Current Squared Time
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
5.0
150
93.3
25
8
200
A
2S
Amps
0 C/W
0 C
Storage Temperature Range
R JA
R JL
IO
pF
Operating Temperature Range
TJ
SRL545
45
-55 to + 150
0 C
32
45
NOTES : 1. Thermal Resistance : At 9.5mm lead lengths, PCB mounted.
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
0.1
5
@TA = 25
oC
@TA = 150
oC
.40
mA
UNITS
MIN.
.335 (8.5)
.375 (9.5)
MIN.
.220 (5.6)
.197 (5.0)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
FEATURES
* High reliability
* Low switching loss
* Low forward voltage drop
* High current capability
* High switching capability
* Epoxy: Device has UL flammability classification 94V-O
* Case: Molded plastic
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting: position: Any
* Weight: 1.2 grams
MECHANICAL DATA
I
2T
-55 to + 150
SRL545
2020-04
REV:A
.954 (24)
.954 (24)


Similar Part No. - SRL545

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL545K RECTRON-SRL545K Datasheet
247Kb / 5P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRL545

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com