Electronic Components Datasheet Search
  English  ▼

X  

VCS-13 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # VCS-13
Description  COMPACT VERTICAL LIQUID LEVEL SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VCS-13 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  VCS-13 Datasheet HTML 1Page - TE Connectivity Ltd VCS-13 Datasheet HTML 2Page - TE Connectivity Ltd VCS-13 Datasheet HTML 3Page - TE Connectivity Ltd VCS-13 Datasheet HTML 4Page - TE Connectivity Ltd VCS-13 Datasheet HTML 5Page - TE Connectivity Ltd VCS-13 Datasheet HTML 6Page - TE Connectivity Ltd VCS-13 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LIQUID LEVEL SWITCH
VCS SERIES
TE CONNECTIVITY SENSORS /// VCS SERIES
10/2020
Page 6
Application Information
The versatile design of the VCS series level sensor provides four different mounting and operating
modes. The sensor can mount at either the top or bottom of a liquid storage tank. In either position,
the float can be oriented to provide a N.O. or N.C. contact. Because the magnet is positioned at one
end of the float, it can be removed from the stem, turned upside down, and reinstalled to provide any of
the four configurations shown below.
To remove and re-orient the float, gently squeeze the retainer clips at the end of the sensor and slide
the float off the stem. Reinstall the float by sliding it back over the stem ensuring that it passes the clips
and allows them to return to their original position.
To avoid leaks, especially when mounting at the
bottom of a tank, use appropriate sealing
techniques around the threaded area. For the
1/8” NPT fitting, wrap PTFE tape on the threads
prior to installation. For the M8 x 1.25 fitting, use
an O-ring or sealing washer around the threads
on the interior of the tank along with a properly
sized locking nut on the outside.
O-ring Placement



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com