Electronic Components Datasheet Search
  English  ▼

X  

TLV9101 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9101 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV9101 Datasheet HTML 35Page - Texas Instruments TLV9101 Datasheet HTML 36Page - Texas Instruments TLV9101 Datasheet HTML 37Page - Texas Instruments TLV9101 Datasheet HTML 38Page - Texas Instruments TLV9101 Datasheet HTML 39Page - Texas Instruments TLV9101 Datasheet HTML 40Page - Texas Instruments TLV9101 Datasheet HTML 41Page - Texas Instruments TLV9101 Datasheet HTML 42Page - Texas Instruments TLV9101 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Jun-2021
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TLV9101IDBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T91V
TLV9101IDCKR
ACTIVE
SC70
DCK
5
3000
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
1FO
TLV9101SIDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T91S
TLV9102IDDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T91F
TLV9102IDR
ACTIVE
SOIC
D
8
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
T9102D
TLV9102IDSGR
ACTIVE
WSON
DSG
8
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
T912
TLV9102IPWR
ACTIVE
TSSOP
PW
8
2000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
T9102P
TLV9102SIDGSR
ACTIVE
VSSOP
DGS
10
2500
RoHS & Green
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
T910
TLV9102SIRUGR
ACTIVE
X2QFN
RUG
10
3000
RoHS & Green
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
HBF
TLV9104IDR
ACTIVE
SOIC
D
14
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TLV9104D
TLV9104IPWR
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
(PTL91PW, TLV91PW)
TLV9104IRTER
ACTIVE
WQFN
RTE
16
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
T91RT
TLV9104IRUCR
ACTIVE
QFN
RUC
14
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
FOF
TLV9104SIRTER
ACTIVE
WQFN
RTE
16
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
T9104S
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com