Electronic Components Datasheet Search
  English  ▼

X  

MICRF600 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF600
Description  902-928MHz ISM Band Transceiver Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF600 Datasheet HTML 8Page - Micrel Semiconductor MICRF600 Datasheet HTML 9Page - Micrel Semiconductor MICRF600 Datasheet HTML 10Page - Micrel Semiconductor MICRF600 Datasheet HTML 11Page - Micrel Semiconductor MICRF600 Datasheet HTML 12Page - Micrel Semiconductor MICRF600 Datasheet HTML 13Page - Micrel Semiconductor MICRF600 Datasheet HTML 14Page - Micrel Semiconductor MICRF600 Datasheet HTML 15Page - Micrel Semiconductor MICRF600 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Micrel, Inc.
MICRF600
September 2005
12
M9999-091905
-45.0
-35.0
-25.0
-15.0
-5.0
5.0
15.0
25.0
35.0
45.0
55.0
0
4
8
121620242832
[XCO_tune value]
Figure 5. XCO Tuning
The typical start up time for the crystal oscillator (default
XCO_tune=13) is ~750us. If more capacitance is added
(higher XCO_tune value), then the start-up time will be
longer.
To save current in the crystal oscillator start-up period, the
XCO is turned on before any other circuit block. When the
XCO has settled, rest of the circuit will be turned on. No
programming should be made during this period.
The current consumption during the prestart period is
approximately 280µA.
VCO
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000011
‘1’
‘1’
‘0’
VCO_IB2 VCO_IB1 VCO_IB0 VCO_freq1 VCO_freq0
The VCO has no external components. It has three bit to
set the bias current and two bit to set the VCO frequency.
These five bits are set by the RF frequency, as follows:
RF freq.
VCO_IB2
VCO_IB1
VCO_IB0
VCO_freq1 VCO_freq0
915MHz
0
0
1
1
0
950MHz
0
0
0
1
1
Table 7. VCO Bit Setting
The bias bit will optimize the phase noise, and the
frequency bit will control a capacitor bank in the VCO. The
tuning range the RF frequency versus varactor voltage is
dependent on the VCO frequency setting, and can be
shown in Figure 6.
Tuning range
800
850
900
950
1000
00,5
11,5
22,5
Varactor voltage (V)
'10'
'11'
Figure 6. RF Frequency vs. Varactor Voltage
and VCO Frequency bit (VDD = 2.25V)
Lock Detect
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
‘1’
‘0’
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
A lock detector can be enabled by setting LD_en = 1.
When pin LD is high, it indicates that the PLL is in lock.
When entering TX, the procedure is first to load the TX
word and then turn on the PA stage. During the PA ramp
up time, the LD signal may indicate out of lock. It is first
when the PA stage is fully on that the LD signal will
indicate in “Lock”. During transmission, the Lock Detect
signal will have transitions and the user should therefore,
ignore the Lock detect signal.
Modes of Operation
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
’1’
Mode1
Mode0
State
Comments
0
0
Power down
Keeps register configuration
0
1
Standby
Only crystal oscillator running
1
0
Receive
Full receive
1
1
Transmit
Full transmit ex PA state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com