Electronic Components Datasheet Search
  English  ▼

X  

OZ9939DN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OZ9939DN
Description  LCDM Inverter Controller Change Summary
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9939DN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OZ9939DN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ9939DN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OZ9939
CONFIDENTIAL
OZ9939-DS-1.1
Page 3
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Limits
Unit
VDDA=5V; Ta=25
oC
RCT =39Kohm, CCT=470pF
RLCT =3.3Mohm, CLCT=4.7nF
Min
Typ
Max
Supply Current
Stand By
Idds
ENA=0V
2.0
5.0
µA
Operating
Idd
Capacitance at DRV1 &
DRV2=2nF
1.5
2.0
2.5
mA
Soft Start
Current Source
ISSTCMP
1.83
2.29
2.75
µA
Under Voltage Lockout
Lock Out
UVLO
VDDA 5V 0V
3
3..2
2
V
Resume
UVLO
VDDA 0V 5V
4.0
V
Reference Voltage
ISEN=SSTCMP
1
1..1
12
2
1.18
1.23
V
ISEN Reference Voltage
Temperature Coefficient
360
ppm/
OC
VSEN=SSTCMP
2
2..7
78
8
2.92
3.06
V
VSEN Reference Voltage
During Striking
Temperature Coefficient
310
ppm/
OC
Driver Frequency
62.6
65.8
69.0
KHZ
Striking
fstr
Temperature Coefficient
290
ppm/
OC
50.0
52.0
54.0
kHz
Normal Operation
Fop
Temperature Coefficient
110
ppm/
OC
Timer and Protection
Striking Current Source
ISEN =0V
2.3
2.9
3.5
uA
Open Lamp and Over Voltage
Protection Current Source
SSTCMP > 3.3V or
VSEN>OVPT
8.0
10.0
12.0
uA
Protection Release Threshold
2.60
2.81
3.02
V
Drivers
DRV1/2 Source
Ron
12
18
Ω
DRV1/2 Sink
Ron
5
9
Ω
Maximum Duty Cycle
45
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com