Electronic Components Datasheet Search
  English  ▼

X  

MAX77650 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77650
Description  Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77650 Datasheet HTML 1Page - Maxim Integrated Products MAX77650 Datasheet HTML 2Page - Maxim Integrated Products MAX77650 Datasheet HTML 3Page - Maxim Integrated Products MAX77650 Datasheet HTML 4Page - Maxim Integrated Products MAX77650 Datasheet HTML 5Page - Maxim Integrated Products MAX77650 Datasheet HTML 6Page - Maxim Integrated Products MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
General Description
The MAX77650/MAX77651 provide highly-integrated bat-
tery charging and power supply solutions for low-power
wearable applications where size and efficiency are
critical. Both devices feature a SIMO buck-boost regulator
that provides three independently programmable power
rails from a single inductor to minimize total solution
size. A 150mA LDO provides ripple rejection for audio
and other noise-sensitive applications. A highly configu-
rable linear charger supports a wide range of Li+ battery
capacities and includes battery temperature monitoring
for additional safety (JEITA).
The devices include other features such as current sinks
for driving LED indicators and an analog multiplexer that
switches several internal voltage and current signals to an
external node for monitoring with an external ADC. A bidi-
rectional I2C interface allows for configuring and check-
ing the status of the devices. An internal on/off controller
provides a controlled startup sequence for the regulators
and provides supervisory functionality when the devices
are on. Numerous factory programmable options allow
the device to be tailored for many applications, enabling
faster time to market.
Benefits and Features
● Highly Integrated
• Smart Power Selector™ Li+/Li-Poly Charger
• 3 Output, Single-Inductor Multiple-Output (SIMO)
Buck-Boost Regulator
• 150mA LDO
• 3-Channel Current Sink Driver
• Analog MUX Output for Power Monitoring
● Low Power
• 0.3μA Shutdown Current
• 5.6μA Operating Current (3 SIMO Channels +
LDO)
● Charger Optimized for Small Battery Size
• Programmable Fast-Charge Current from 7.5mA to
300mA
• Programmable Battery Regulation Voltage from
3.6V to 4.6V
• Programmable Termination Current from 0.375mA
to 45mA
• JEITA Battery Temperature Monitors Adjust Charge
Current and Battery Regulation Voltage for Safe
Charging
● Flexible and Configurable
• I2C Compatible Interface and GPIO
• Factory OTP Options Available
● Small Size
• 2.75mm x 2.15mm x 0.7mm WLP Package
• 30-Bump, 0.4mm-Pitch WLP, 6x5 Array
• Small Total Solution Size (19.2mm2)
Applications
● Bluetooth Headphones/Hearables
● Fitness, Health, and Activity Monitors
● Portable Devices
● Internet of Things (IoT)
Ordering Information appears at end of data sheet.
19-8550; Rev 7; 9/18
Smart Power Selector is a trademark of Maxim Integrated
Products, Inc.
Simplified Application Circuit
PWR_HLD
GPIO
VBUS
CHGIN
VSYS
SYS
GND
PGND
2.05V
SBB0
1.2V
SBB1
1.5µH
LXA
LXB
VIO
SDA
SCL
nIRQ
IN_LDO
1.85V
LDO
nEN
nRST
3.3V
SBB2
LED0
LED1
LED2
PROCESSOR
VIO/Power
SYS
ADC INPUT
MAX77650
PWR_HLD
nRST
SDA
SCL
nIRQ
SYSTEM
RESOURCES
IN_SBB
GPIO
*
*
AMUX
AMUX
BATT
+
THM
TBIAS
*
*
*PULLUP RESISTORS NOT DRAWN
BST
MAX77650/MAX77651
Ultra-Low Power PMIC with 3-Output SIMO
and Power Path Charger for Small Li+
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX77650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77650 MAXIM-MAX77650 Datasheet
3Mb / 27P
GUI Drives I2C Interface
19-8561; Rev 1; 12/17
MAX77650EVKIT MAXIM-MAX77650EVKIT Datasheet
3Mb / 27P
GUI Drives I2C Interface
19-8561; Rev 1; 12/17
MAX77650EVKIT# MAXIM-MAX77650EVKIT# Datasheet
3Mb / 27P
GUI Drives I2C Interface
19-8561; Rev 1; 12/17
More results

Similar Description - MAX77650

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2607 MPS-MP2607 Datasheet
337Kb / 15P
Li, LINEAR Charger WithSystem Power Path Management
logo
Freescale Semiconductor...
FRDM-BC3770-EVM FREESCALE-FRDM-BC3770-EVM Datasheet
3Mb / 44P
fully programmable switching charger with dual-path output for single-cell Li-Ion and Li-Polymer battery.
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
logo
Maxim Integrated Produc...
MAX20353 MAXIM-MAX20353 Datasheet
2Mb / 153P
PMIC with Ultra-Low Iq Regulators, Charger, Fuel Gauge, and Haptic Driver for Small Li Systems
Rev 2; 2/21
MAX77278 MAXIM-MAX77278 Datasheet
2Mb / 69P
Ultra-Low Power PMIC with 3-Output SIMO, Power Path Charger Optimized for Small Li, 425mA Current Sink, and 8 GPIOs
Rev 3; 11/18
MAX77734 MAXIM-MAX77734 Datasheet
1Mb / 76P
Ultra-Low Power Tiny PMIC with Power Path Charger for Small Li and 150mA LDO
Rev 5; 7/20
MAX14745 MAXIM-MAX14745 Datasheet
1Mb / 67P
PMIC with Ultra Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
Rev 22; 9/20
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
ams AG
AS3715 AMSCO-AS3715 Datasheet
3Mb / 160P
Dual Power Path PMIC
2014-Sep-10
logo
Maxim Integrated Produc...
MAX14690 MAXIM-MAX14690_V01 Datasheet
807Kb / 47P
PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com