Electronic Components Datasheet Search
  English  ▼

X  

MAX77650MEWVT Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77650MEWVT
Description  Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650MEWVT Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77650MEWVT Datasheet HTML 17Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 18Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 19Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 20Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 21Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 22Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 23Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 24Page - Maxim Integrated Products MAX77650MEWVT Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
(VSYS = 3.7V, VIN_LDO = 2.05V, VLDO = 1.85V, CLDO = 10μF, limits are 100% production tested at TA = +25°C, limits over the operating
temperature range (TA = -40°C to +85°C) are guaranteed by design and characterization, unless otherwise noted.)
Note 5: Dropout is the condition where the input voltage is in its valid input range but the output cannot be properly regulated
because the input voltage is not sufficiently higher than the output voltage. The dropout voltage is the difference between
the input voltage and the output voltage when the regulator is in dropout. The dropout on-resistance is the resistance of the
power MOSFET between the input and the output when the regulator is in dropout. Generally speaking, applications should
avoid dropout by having sufficient input voltage. A dropout detection interrupt is available (DOD_R; see the Programmer’s
Guide for more information). For example, applications with the output voltage target of 1.85V and the maximum load cur-
rent is 80mA (ILDO_MAX), has a dropout voltage of 96mV (VLDO_DO = ILDO_MAX x RDSON_LDO = 80mA x 1.2Ω =
96mV). To avoid dropout, the input voltage should be 1.95V (VIN_LDO = VLDO + VLDO_DO).
Note 6: Guaranteed by design and characterization but not directly production tested. Production test coverage is provided by the
shutdown supply current and quiescent supply current specification in the Electrical Characteristics—Top Level table.
Note 7: Guaranteed by design and characterization but not directly production tested. The ability to disconnect the active discharge
resistance is functionally checked in a production test.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS
Enable Delay
TA = +25°C
0.6
1.25
ms
Soft-Start Slew Rate
dV/dtSS
VLDO from 10% to 90% of final value.
TA = +25°C
0.5
1.25
2.50
mV/μs
POWER STAGE CHARACTERISTICS
Dropout Voltage
VLDO_DO
VSYS = 3.7V, 1.85V programmed output
voltage (TV_LDO[6:0] = 0x20), VIN_LDO =
1.8V, ILDO = 150mA (Note 5)
90
180
mV
Active-Discharge
Impedance
RAD_LDO
Regulator disabled, active discharge
enabled (ADE_LDO = 1)
50
100
200
Ω
Disabled Output
Leakage Current
Regulator disabled,
active discharge
disabled (ADE_
LDO = 0), VSYS =
VIN_LDO = 5.5V,
VLDO = 5.5V and
0V
TA = +25°C (Note 7)
+0.1
+1.0
μA
TA = +85°C
+1.0
Dropout On-Resistance
RDSON
VSYS = 3.7V,
1.85V programmed
output voltage
(TV_LDO[6:0] =
0x20), VIN_LDO =
1.8V, ILDO = IMAX,
(Note 5)
TA = +25°C
0.6
0.9
Ω
TA = +85°C
1.2
Electrical Characteristics—LDO (continued)
www.maximintegrated.com
Maxim Integrated │ 21
MAX77650/MAX77651
Ultra-Low Power PMIC with 3-Output SIMO
and Power Path Charger for Small Li+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com