Electronic Components Datasheet Search
  English  ▼

X  

MAX77826 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77826
Description  Power Management IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77826 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77826 Datasheet HTML 1Page - Maxim Integrated Products MAX77826 Datasheet HTML 2Page - Maxim Integrated Products MAX77826 Datasheet HTML 3Page - Maxim Integrated Products MAX77826 Datasheet HTML 4Page - Maxim Integrated Products MAX77826 Datasheet HTML 5Page - Maxim Integrated Products MAX77826 Datasheet HTML 6Page - Maxim Integrated Products MAX77826 Datasheet HTML 7Page - Maxim Integrated Products MAX77826 Datasheet HTML 8Page - Maxim Integrated Products MAX77826 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
(VSYS = VIN_ = +3.7V, VIO = 1.8V, TA = -40°C to +85°C, unless otherwise noted.) (Note 5)
MAX77826
Power Management IC
www.maximintegrated.com
Maxim Integrated │ 4
I2C Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
VIO Voltage
VVIO
1.7
3.6
V
SDA AND SCL I/O STAGES
SCL, SDA Input High Voltage
VIH
0.7 x VVIO
V
SCL, SDA Input Low Voltage
VIL
0.3 x VVIO
V
SCL, SDA Input Hysteresis
VHYS
0.05 x VVIO
V
SCL, SDA Input Current
II
VIO = 3.7V
-10
+10
µA
SDA Output Low Voltage
VOL
ISINK = 20mA
0.4
V
SCL, SDA Pin Capacitance
CI
10
pF
Output Fall Time from
VIO to 0.3 x VIO
tOF
120
ns
I2C-COMPATIBLE INTERFACE TIMING (STANDARD, FAST, AND FAST MODE PLUS) (Note 3)
Clock Frequency
fSCL
1000
kHz
Hold Time (REPEATED) START
Condition
tHD;STA
0.26
µs
CLK Low Period
tLOW
0.5
µs
CLK High Period
tHIGH
0.26
µs
Setup Time REPEATED START
Condition
tSU;STA
0.26
µs
DATA Hold Time
tHD:DAT
0
µs
DATA Setup Time
tSU;DAT
50
ns
Setup Time for STOP Condition
tSU;STO
0.26
µs
Bus-Free Time Between
STOP and START
tBUF
0.5
µs
Capacitive Load for
Each Bus Line
CB
550
pF
Maximum Pulse Width of
Spikes That Must Be
Suppressed by the Input Filter
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com