Electronic Components Datasheet Search
  English  ▼

X  

1N4148DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1N4148DF
Description  10 mA0 Volts Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N4148DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  1N4148DF Datasheet HTML 1Page - Rectron Semiconductor 1N4148DF Datasheet HTML 2Page - Rectron Semiconductor 1N4148DF Datasheet HTML 3Page - Rectron Semiconductor 1N4148DF Datasheet HTML 4Page - Rectron Semiconductor 1N4148DF Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
02060
80
1
10
100
1000
0
5
15
20
0.8
1.0
1.2
Forward
Characteristics
Reverse
Characteristics
FORWARD VOLTAGE
V
F
(V)
200
T
a=100
T
a=25
40
REVERSE VOLTAGE V
R
(V)
T
a=25
f=1MHz
Capacitance Characteristics
10
REVERSE VOLTAGE V
R
(V)
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
RATING AND CHARACTERISTICS CURVES (1N4148DF)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com