Electronic Components Datasheet Search
  English  ▼

X  

C3017 Datasheet(PDF) 1 Page - IMP, Inc

Part # C3017
Description  10 Volt Analog Mixed Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C3017 Datasheet(HTML) 1 Page - IMP, Inc

  C3017 Datasheet HTML 1Page - IMP, Inc C3017 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
91
© IMP, Inc.
Process C3017
CMOS 3
µm
10 Volt Analog Mixed Mode
N-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTN
0.6
0.8
1.0
V
100x4
µm
Body Factor
γ
N
0.6
V1/2
100x4
µm
Conduction Factor
βN
42
47
52
µA/V2
100x100
µm
Effective Channel Length
LeffN
2.85
3.2
3.55
µm
100x4
µm
Width Encroachment
∆WN
0.7
µm
Per side
Punch Through Voltage
BVDSSN
12
V
Poly Field Threshold Voltage
VTFP(N)
12
V
P-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTP
–0.6
–0.8
–1.0
V
100x4
µm
Body Factor
γ
P
0.55
V1/2
100x4
µm
Conduction Factor
βP
13
15
19
µA/V2
100x100
µm
Effective Channel Length
LeffP
2.85
3.2
3.55
µm
100x4
µm
Width Encroachment
∆WP
0.9
µm
Per side
Punch Through Voltage
BVDSSP
–12
V
Poly Field Threshold Voltage
VTFP(P)
–12
V
Diffusion & Thin Films
Symbol
Minimum
Typical
Maximum
Unit
Comments
Well (field) Sheet Resistance
ρ
P-well(f)
3.2
4.8
6.5
K
Ω/
P-well
N+ Sheet Resistance
ρ
N+
16
21
27
Ω/
N+ Junction Depth
xjN+
0.8
µm
P+ Sheet Resistance
ρ
P+
50
80
100
Ω/
P+ Junction Depth
xjP+
0.7
µm
Gate Oxide Thickness
TGOX
44
48
52
nm
Interpoly Oxide Thickness
TP1P2
60
nm
Gate Poly Sheet Resistance
ρ
POLY1
15
22
30
Ω/
Bottom Poly Sheet Res.
ρ
POLY2
15
22
30
Ω/
Metal-1 Sheet Resistance
ρ
M1
50
m
Ω/
Metal-2 Sheet Resistance
ρ
M2
30
m
Ω/
Passivation Thickness
TPASS
200+900
nm
oxide+nit.
Capacitance
Symbol
Minimum
Typical
Maximum
Unit
Comments
Gate Oxide
COX
0.66
0.72
0.78
fF/
µm2
Metal-1 to Poly-1
CM1P
0.0523
fF/
µm2
Metal-1 to Silicon
CM1S
0.26
0.30
0.34
fF/
µm2
Metal-2 to Metal-1
CMM
0.033
0.0384
0.041
fF/
µm2
Poly-1 to Poly-2
CP1P2
0.51
0.57
0.63
fF/
µm2
Electrical Characteristics
T=25oC Unless otherwise noted
ISO 9001 Registered
®


Similar Part No. - C3017

ManufacturerPart #DatasheetDescription
logo
Powerbox
C301 POWERBOX-C301 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Chip Integration Techno...
C30100CT CITC-C30100CT Datasheet
486Kb / 3P
30A Trench Schottky Rectifier
logo
Savantic, Inc.
C3012 SAVANTIC-C3012 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
logo
IMP, Inc
C3013 IMP-C3013 Datasheet
26Kb / 2P
CMOS 3mm 10 Volt Single Metal Analog
C3014 IMP-C3014 Datasheet
26Kb / 2P
CMOS 3mm 5 Volt Single Metal Analog
More results

Similar Description - C3017

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1031 LINER-LT1031 Datasheet
631Kb / 12P
Precision 10 Volt Reference
logo
IMP, Inc
C3025 IMP-C3025 Datasheet
26Kb / 2P
Process C3025 CMOS 3Um 10 Volt Analog
C3013 IMP-C3013 Datasheet
26Kb / 2P
CMOS 3mm 10 Volt Single Metal Analog
logo
List of Unclassifed Man...
ULA5DF ETC1-ULA5DF Datasheet
1Mb / 13P
HIGH PERFORMANCE MIXED DIGITAL/ANALOG ARRAY FAMILY
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD2702UD AD-AD2702UD Datasheet
1Mb / 4P
10,-10 Volt Precision Reference Series
REV. B
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Global Mixed-mode Techn...
G5193 GMT-G5193 Datasheet
128Kb / 1P
G5193 Global Mixed-mode Technology
logo
Bel Fuse Inc.
MFOCA-MIL-DTL-83526 BEL-MFOCA-MIL-DTL-83526 Datasheet
672Kb / 2P
Mixed-mode expanded beam optical connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com