Electronic Components Datasheet Search
  English  ▼

X  

BAS16V Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS16V
Description  SOT-23 Plastic-Encapsulate Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS16V Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS16V Datasheet HTML 1Page - Rectron Semiconductor BAS16V Datasheet HTML 2Page - Rectron Semiconductor BAS16V Datasheet HTML 3Page - Rectron Semiconductor BAS16V Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-23 Plastic-Encapsulate Switching Diode
Maximum Ratings & Thermal Characteristics ( Ratings at 25
ambient temperature unless otherwise specified.)
Parameters
Symbol
Value
Unit
Reverse Voltage
V R
75
Peak Repetitive Reverse Voltage
V RRM
100
Power Dissipation
Pd
225
Average Rectified Output Current
IO
150
Non-Repetitive Peak Forward Surge Current
@t==1us; TA=25
IFSM
2.0
Operating junction temperature
Tj
-55-+150
Storage temperature range
Ts
-55-+150
Thermal Resistance from Junction to Ambient
R θJA
556
/W
Notes:Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics
(Ratings at 25 ambient temperature unless otherwise specified).
Limits
Symbols
Parameter
Test Condition
Min
Max
Unit
V(BR)
Reverse Voltage
IR=100uA
75
V
IR
Reverse Leakage Current
VR=75V
IF=1.0mA
VF
Forward Voltage
IF=150mA
---
1.25
V
IF= IR=10mA
RL=100Ω
TRR
Reverse Recovery Time
IRR=0.1 X IR
---
6
nS
CT
Capacitance
VR=0V, f=1MHZ
---
2
pF
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, resistive or inductive load.
BAS16V
FEATURES
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
*
Fast Switching Device (TRR <6.0 nS)
*
Power Dissipation of 225mW
*
High Stability and High Reliability
*
Low reverse leakage
* SOT-23 Small Outline Plastic Package
SOT-23
mW
mA
A
V
V
3
1
2
MARKING: A6
*
P/N suffix V means AEC-Q101 qualified, eg:BAS16V
*
P/N suffix V means Halogen-free
---
1.0
uA
---
0.715
IF=10mA
---
0.855
IF=50mA
---
1.0
2020-11/08
REV:O


Similar Part No. - BAS16V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16V DIODES-BAS16V Datasheet
77Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
30447 Rev. 3 - 2
BAS16V DIODES-BAS16V Datasheet
213Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30447 Rev. 5 - 2
logo
Micro Commercial Compon...
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAS16V HTSEMI-BAS16V Datasheet
783Kb / 2P
SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS16V SECOS-BAS16V Datasheet
320Kb / 2P
0.3A , 100V Plastic-Encapsulated Transistors
More results

Similar Description - BAS16V

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BAV70LT1 TGS-BAV70LT1 Datasheet
369Kb / 2P
SOT-23 Plastic-Encapsulate Diodes (SWITCHING DIODE)
logo
SHENZHEN YONGERJIA INDU...
1SS184 WINNERJOIN-1SS184 Datasheet
70Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS196 WINNERJOIN-1SS196 Datasheet
85Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS187 WINNERJOIN-1SS187_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS193 WINNERJOIN-1SS193_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
logo
Guangdong Youtai Semico...
1SS226 UMW-1SS226 Datasheet
708Kb / 3P
SWITCHING DIODE SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com