Electronic Components Datasheet Search
  English  ▼

X  

2SD2321 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2321
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2321 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2321 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2321 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD2321
Silicon NPN epitaxial planer type
For low-frequency power amplification
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Satisfactory operation performances at high efficiency with the
low-voltage power supply.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Peak collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
EIAJ:SC–72
3:Base
New S Type Package
4.0
±0.2
marking
2.54
±0.15
1.27
1.27
123
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Ratings
40
20
7
5
8
400
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
IEBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
fT
Cob
Conditions
VCB = 10V, IE = 0
VCE = 10V, IB = 0
VEB = 7V, IC = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 2V, IC = 0.5A
*2
VCE = 2V, IC = 2A
*2
IC = 3A, IB = 0.1A
*2
VCB = 6V, IE = –50mA, f = 200MHz
VCB = 20V, IE = 0, f = 1MHz
min
20
7
230
150
typ
0.28
150
26
max
0.1
1.0
0.1
600
1.0
50
Unit
µA
µA
µA
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
hFE1
230 ~ 380
340 ~ 600
*2 Pulse measurement


Similar Part No. - 2SD2321

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2324 SANYO-2SD2324 Datasheet
68Kb / 3P
Compact Motor Driver Applications??????????
logo
Guangdong Kexin Industr...
2SD2324 KEXIN-2SD2324 Datasheet
39Kb / 1P
NPN Epitaxial Planar Silicon Transistor
logo
Panasonic Semiconductor
2SD2328 PANASONIC-2SD2328 Datasheet
105Kb / 1P
TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Inchange Semiconductor ...
2SD2328 ISC-2SD2328 Datasheet
279Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SD2321

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1244 PANASONIC-2SD1244 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1934 PANASONIC-2SD1934 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2249 PANASONIC-2SD2249 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2457 PANASONIC-2SD2457 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD875 PANASONIC-2SD875 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD965 PANASONIC-2SD965 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD966 PANASONIC-2SD966 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD973 PANASONIC-2SD973 Datasheet
49Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com