Electronic Components Datasheet Search
  English  ▼

X  

MH210A Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MH210A
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MH210A Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MH210A Datasheet HTML 1Page - M-System Co.,Ltd. MH210A Datasheet HTML 2Page - M-System Co.,Ltd. MH210A Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MH-210A
MH-210A SPECIFICATIONS
ES-8189 Rev.2 Page 1/3
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR POWER SUPPLY USE
(10A, 200 / 220 / 240 V AC)
Functions & Features
• Designed specifically for power requirements of medium
capacities
• Protecting electronic equipment from lightning surges that
enter through substations and step-down transformers
• Discharge element failure triggers the fuse blown and
alarm contact closed
• Also effective in rejecting switching transients generated
by thyristors, circuit breakers, motor starters, etc.
Typical Applications
• Control panels
• Telemetering systems
80 (3.15)
250 (9.84)
mm (inch)
147 (5.79)
MODEL: MH–210A
ORDERING INFORMATION
• Code number: MH-210A
GENERAL SPECIFICATIONS
Connection: M4 screw terminals (torque 1.6 N·m)
Screw terminal: Nickel-plated brass
Housing material: Steel plate t = 1.6 (black)
Alarm indicator: Discharge element failure indicator turns
white when the fuse is blown.
Monitor lamp: Red neon lamp turns on when the power is
supplied.
Alarm relay contact: Turns ON with discharge element
failure (when the fuse is blown)
•Rated load: 100 V AC @ 250 mA (cos ø = 1)
100 V DC @ 250 mA (resistive load)
•Maximum switching voltage: 125 V AC or 125 V DC
•Maximum switching power: 25 VA or 25 W
•Minimum load: 5 V DC @ 10 mA
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 3.0 kg (6.6 lb)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: 410 V min.
Line to ground: 410 V min.
Maximum surge voltage
Line to line: 700 V max.
Line to ground: 700 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current
Line to line: ≤ 1 mA at 300 V DC
Line to ground: ≤ 1 mA at 300 V DC
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current: 10 A
Voltage drop: ≤ 2 V (50/60 Hz)
Rated line voltage: 200 V / 220 V / 240 V AC


Similar Part No. - MH210A

ManufacturerPart #DatasheetDescription
logo
Rohm
MH2101WZ ROHM-MH2101WZ Datasheet
234Kb / 3P
650V 30A Fast Recovery Diode
2019.08 - Rev.A
MH2102WZ ROHM-MH2102WZ Datasheet
232Kb / 3P
650V 50A Fast Recovery Diode
2019.08 - Rev.A
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
650V 60A Fast Recovery Diode
2019.08 - Rev.A
More results

Similar Description - MH210A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com