Electronic Components Datasheet Search
  English  ▼

X  

MGA100 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MGA100
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MGA100 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MGA100 Datasheet HTML 1Page - M-System Co.,Ltd. MGA100 Datasheet HTML 2Page - M-System Co.,Ltd. MGA100 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MGA-100
http://www.m-system.co.jp/
MGA-100 SPECIFICATIONS
ES-8271 Rev.4 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
2 A, 120 V AC / 170 V DC; rack-mounted)
Functions & Features
• Designed specifically for AC/DC power supplies up to
2 amps
• Rack-mounted
• Two channels in one housing
25 (.98)
80 (3.15)
mm (inch)
153 (6.02)
MODEL: MGA–100
ORDERING INFORMATION
• Code number: MGA-100
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front; terminal cover provided
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Monitor lamp: Red on when the power is supplied.
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Rack-mounted; Standard Rack Mounting Frame
BX-16G available
Weight: 200 g (0.44 lbs)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: 190 V min.
Line to ground: 410 V min.
Maximum surge voltage
Line to line: 400 V max.
Line to ground: 800 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current
Line to line: ≤ 2 mA at 150 V DC
Line to ground: ≤ 1 mA at 300 V DC
Max. discharge current (Imax): 1000 A (8/ 20 μsec.)
Max. load current: 2 A
Rated line voltage: 120 V AC, 170 V DC


Similar Part No. - MGA100

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MGA1101111 TAOGLAS-MGA1101111 Datasheet
1Mb / 21P
CAT M1 3dBi Mini Magnetic Mount 698~960MHz/1710~2700MHz
More results

Similar Description - MGA100

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com