Electronic Components Datasheet Search
  English  ▼

X  

09380052721 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 09380052721
Description  Han K 3/0 Pos. Female Insert Screw Term.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09380052721 Datasheet(HTML) 2 Page - HARTING Technology Group

  09380052721 Datasheet HTML 1Page - HARTING Technology Group 09380052721 Datasheet HTML 2Page - HARTING Technology Group 09380052721 Datasheet HTML 3Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product data sheet
09 38 005 2721
Han K 3/0 Pos. Female Insert Screw Term.
Technical characteristics
Contact resistance
≤0.2 mΩ
Stripping length
22 mm
Tightening torque
8 Nm @ 35 mm²
9 Nm @ 50 mm²
10 Nm @ 70 mm²
Limiting temperature
-40 ... +125 °C
Mating cycles
≥500
Material properties
Material (insert)
Polycarbonate (PC)
Colour (insert)
RAL 7032 (pebble grey)
Material (contacts)
Copper alloy
Surface (contacts)
Silver plated
Material flammability class acc. to UL 94
V-0
RoHS
compliant with exemption
RoHS exemptions
6(a) / 6(a)-I: Lead as an alloying element in steel for machining purposes and
in galvanised steel containing up to 0,35 % lead by weight / Lead as an alloying
element in steel for machining purposes containing up to 0,35 % lead by weight
and in batch hot dip galvanised steel components containing up to 0,2 % lead by
weight
ELV status
compliant with exemption
China RoHS
50
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
REACH SVHC substances
Yes
REACH SVHC substances
Lead
ECHA SCIP number
5dbb3851-b94e-4e88-97a1-571845975242
Specifications and approvals
Specifications
EN 60664-1
IEC 61984
Approvals
DNV GL
UL / CSA
UL 1977 ECBT2.E235076
CSA-C22.2 No. 182.3 ECBT8.E235076
Commercial data
Packaging size
1
Page 2 / 3 | Creation date 2021-05-15 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com