Electronic Components Datasheet Search
  English  ▼

X  

BAV17 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAV17
Description  SMALL SIGNAL SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV17 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAV17 Datasheet HTML 1Page - Rectron Semiconductor BAV17 Datasheet HTML 2Page - Rectron Semiconductor BAV17 Datasheet HTML 3Page - Rectron Semiconductor BAV17 Datasheet HTML 4Page - Rectron Semiconductor BAV17 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0
200
VR=50V
0.1
1
10
100
1000
100
I R(TJ)
I R(25
)
TJ
0
100
200
100
1
mW
200
300
400
500
P tot
TA
1.8
1.4
.6
1
.2
.1
.2 .5
1
2
100V
TJ=25
VR
50
20
10
5
0
.4
.8
1.2
1.6
2
CJ
100
10
.1
1
.01
0.2
.4
.6
.8
1.0V
TJ=25
IF
1000
mA
TJ=100
VF
5
mA
1
rF
IF
10
1
2
10
20
50
100
2
5
20
50
100
0
90
150
.1
1
A
DC CURRENT IF
.3
.2
30
60
120
CURRENT (RECTIF.) IF(AV)
IO,I F
TA
FIG.4 -- LEAKAGE CURRENT VERSUS JUNCTION
TEMPERATURE
FIG.5 -- DYNAMIC FORWARD RESISTANCE VERSUS
FORWARD CURRENT
FIG.6 -- CAPACITANCE VERSUS REVERSE VOLTAGE
FIG.1 -- FORWARD CHARACTERISTICS
FIG.2 -- ADMISSIBLE FORWARD CURRENT VERSUS
AMBIENT TEMPERATURE
FIG.3 -- ADMISSIBLE POWER DISSLPATION VERSUS
AMBIENT TEMPERATURE
RATING AND CHARACTERISTICS CURVES (BAV17 THRU BAV21)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com