Electronic Components Datasheet Search
  English  ▼

X  

MCP6V36 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6V36
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V36 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6V36 Datasheet HTML 1Page - Microchip Technology MCP6V36 Datasheet HTML 2Page - Microchip Technology MCP6V36 Datasheet HTML 3Page - Microchip Technology MCP6V36 Datasheet HTML 4Page - Microchip Technology MCP6V36 Datasheet HTML 5Page - Microchip Technology MCP6V36 Datasheet HTML 6Page - Microchip Technology MCP6V36 Datasheet HTML 7Page - Microchip Technology MCP6V36 Datasheet HTML 8Page - Microchip Technology MCP6V36 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MCP6V36/6U/7/9
DS20006209A-page 4
 2019 Microchip Technology Inc.
Common-Mode
Common-Mode
Input Voltage Range Low
VCML
——
VSS  0.15
V
(Note 2)
Common-Mode
Input Voltage Range High
VCMH VDD +0.2
—
—
V
(Note 2)
Common-Mode Rejection Ratio
CMRR
100
125
—
dB
VDD = 1.8V,
VCM = -0.15V to 2.0V
(Note 2)
CMRR
110
135
—
dB
VDD = 5.5V,
VCM = -0.15V to 5.7V
(Note 2)
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
93
125
—
dB
VDD =1.8V,
VOUT = 0.3V to 1.6V
AOL
110
135
—
dB
VDD =5.5V,
VOUT = 0.3V to 5.3V
Output
Minimum Output Voltage Swing
VOL
VSS
VSS +14 VSS +45
mV
RL =10 kΩ, G = +2,
0.5V input overdrive
VOL
—VSS +1.4
—
mV
RL =100 kΩ, G = +2,
0.5V input overdrive
Maximum Output Voltage Swing
VOH
VDD –45 VDD –14
VDD
mV
RL =10 kΩ, G = +2,
0.5V input overdrive
VOH
—VDD –1.4
—
mV
RL =100 kΩ, G = +2,
0.5V input overdrive
Output Short Circuit Current
ISC
—±6
—
mA
VDD =1.8V
ISC
—±21
—
mA
VDD =5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per amplifier
IQ
12
23
34
µA
IO = 0, MCP6V36/6U
10
21
34
IO = 0, MCP6V37/9
POR Trip Voltage
VPOR
0.9
—
1.6
V
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM = VDD/3,VOUT =VDD/2, VL =VDD/2, RL = 100 kΩ to VL and CL = 20 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
For Design Guidance only; not tested.
2:
Figure 2-15 shows how VCML and VCMH changed across temperature for the first production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com