Electronic Components Datasheet Search
  English  ▼

X  

MCP6V37 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6V37
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V37 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6V37 Datasheet HTML 1Page - Microchip Technology MCP6V37 Datasheet HTML 2Page - Microchip Technology MCP6V37 Datasheet HTML 3Page - Microchip Technology MCP6V37 Datasheet HTML 4Page - Microchip Technology MCP6V37 Datasheet HTML 5Page - Microchip Technology MCP6V37 Datasheet HTML 6Page - Microchip Technology MCP6V37 Datasheet HTML 7Page - Microchip Technology MCP6V37 Datasheet HTML 8Page - Microchip Technology MCP6V37 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
 2019 Microchip Technology Inc.
DS20006209A-page 3
MCP6V36/6U/7/9
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .................................................................................................................................................................6.5V
Current at Input Pins ..............................................................................................................................................±2 mA
Analog Inputs (VIN+ and VIN–) (Note 1) .....................................................................................VSS – 1.0V to VDD+1.0V
All other Inputs and Outputs .......................................................................................................VSS – 0.3V to VDD+0.3V
Difference Input voltage .................................................................................................................................|VDD –VSS|
Output Short Circuit Current ........................................................................................................................... Continuous
Current at Output and Supply Pins ......................................................................................................................±30 mA
Storage Temperature .............................................................................................................................-65°C to +150°C
Maximum Junction Temperature .......................................................................................................................... +150°C
ESD protection on all pins (HBM, CDM, MM)
  2kV, 1.5kV, 400V
Note 1: See Section 4.2.1, Rail-to-Rail Inputs.
1.2
Specifications
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM = VDD/3,VOUT =VDD/2, VL =VDD/2, RL = 100 kΩ to VL and CL = 20 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-25
—
+25
µV
TA = +25°C
Input Offset Voltage Drift with
Temperature (Linear Temp. Co.)
TC1
-150
—
+150
nV/°C TA = -40 to +125°C
(Note 1)
Input Offset Voltage Quadratic
Temp. Co.
TC2
—±0.08
—
nV/°C2 TA = -40 to +125°C
Power Supply Rejection Ratio
PSRR
110
135
—
dB
Input Bias Current and Impedance
Input Bias Current
IB
—+5
—
pA
Input Bias Current across Temperature
IB
—+20
—
pA
TA = +85°C
IB
0+2.9
+5
nA
TA = +125°C
Input Offset Current
IOS
—±130
—
pA
Input Offset Current across Temperature
IOS
—±140
—
pA
TA = +85°C
IOS
-1
±0.4
+1
nA
TA = +125°C
Common-Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
—
Ω||pF
Note 1:
For Design Guidance only; not tested.
2:
Figure 2-15 shows how VCML and VCMH changed across temperature for the first production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com