Electronic Components Datasheet Search
  English  ▼

X  

AD10201 Datasheet(PDF) 5 Page - Analog Devices

Part # AD10201
Description  DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10201 Datasheet(HTML) 5 Page - Analog Devices

  AD10201 Datasheet HTML 1Page - Analog Devices AD10201 Datasheet HTML 2Page - Analog Devices AD10201 Datasheet HTML 3Page - Analog Devices AD10201 Datasheet HTML 4Page - Analog Devices AD10201 Datasheet HTML 5Page - Analog Devices AD10201 Datasheet HTML 6Page - Analog Devices AD10201 Datasheet HTML 7Page - Analog Devices AD10201 Datasheet HTML 8Page - Analog Devices AD10201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD10201
–5–
PIN CONFIGURATION
35 mm square
BOTTOM VIEW
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
24
22
20
18
16
14
12
10
8
6
4
2
25
23
21
19
17
15
13
11
9
7
5
3
1
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the device as possible
REF_A_OUT
A Channel Internal Voltage Reference
NC
No connection
AIN A1
Analog Input for A side ADC (
input)
AIN A2
Analog Input for A side ADC (+ input)
AVCCAAnalog Positive Supply Voltage (nominally 5.0 V)
DGNDA
A Channel Digital Ground
D11A–D0A
Digital Outputs for ADC A. D0 (LSB)
ENCODEA
Complement of ENCODE
ENCODEA
Data conversion initiated on the rising edge of ENCODE input
DVCCADigital Positive Supply Voltage (nominally 3.3 V)
DGNDB
B Channel Digital Ground
D11B–D0B
Digital Outputs for ADC B. D0 (LSB)
AGNDB
B Channel Analog Ground. A and B grounds should be connected as close to the device as possible.
DVCCBDigital Positive Supply Voltage (nominally 3.3 V)
ENCODEB
Complement of ENCODE
ENCODEB
Data conversion initiated on rising edge of ENCODE input
REF_B_OUT
B Channel Internal Voltage Reference
AIN B1
Analog Input for B side ADC (
input)
AIN B2
Analog Input for B side ADC (+ input)
AVCCBAnalog Positive Supply Voltage (nominally 5.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com