Electronic Components Datasheet Search
  English  ▼

X  

AD10201AB Datasheet(PDF) 12 Page - Analog Devices

Part # AD10201AB
Description  DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10201AB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD10201AB Datasheet HTML 8Page - Analog Devices AD10201AB Datasheet HTML 9Page - Analog Devices AD10201AB Datasheet HTML 10Page - Analog Devices AD10201AB Datasheet HTML 11Page - Analog Devices AD10201AB Datasheet HTML 12Page - Analog Devices AD10201AB Datasheet HTML 13Page - Analog Devices AD10201AB Datasheet HTML 14Page - Analog Devices AD10201AB Datasheet HTML 15Page - Analog Devices AD10201AB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD10201
–12–
Solder Reflow Profile
The solder reflow profile provided in Figure 4 is recommended.
TIME – Seconds
0
50
100
250
200
150
050
100
150
200
250
300
350
400
Figure 4. Typical Solder Reflow Profile
LAYOUT INFORMATION
The schematic of the evaluation board (Figures 5a–5d) represents
a typical implementation of the AD10201. The pinout of the
AD10201 is very straightforward and facilitates ease of use and the
implementation of high-frequency/high resolution design practices.
It is recommended that high quality ceramic chip capacitors be used
to decouple each supply pin to ground directly at the device. All
capacitors can be standard high quality ceramic chip capacitors.
Care should be taken when placing the digital output runs. Because
the digital outputs have such a high slew rate, the capacitive loading
on the digital outputs should be minimized. Circuit traces for the
digital outputs should be kept short and connect directly to the
receiving gate. Internal circuitry buffers the outputs of the AD9432
ADC through a resistor network to eliminate the need to exter-
nally buffer the device from the receiving gate.
EVALUATION BOARD
The AD10201 evaluation board (Figures 6a–6f) is designed to
provide optimal performance for evaluation of the AD10201
analog-to-digital converter. The board encompasses everything
needed to ensure the highest level of performance for evaluating
the AD10201. The board requires an analog input signal, encode
clock, and power supply inputs. The clock is buffered on-board
to provide clocks for the latches. The digital outputs and out
clocks are available at the standard 40-pin connectors J1 and J2.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the associated components and the
analog section of the AD10201. The digital outputs of the
AD10201 are powered via banana jacks with 3.3 V. Contact the
factory if additional layout or applications assistance is required.
BILL OF MATERIALS LIST FOR AD10201 EVALUATION BOARD
Quantity
Reference Designator
Value
Description
Part Number
2
U16, U17
IC, Low Voltage 16-Bit D-Type Flip-Flop
74LCX16374MTD
with 5 V Tolerant Inputs and Outputs
(Fairchild)
1U1
IC, BGA 35
35 385
AD10201AB
2
U14, U15
IC, Precision Low Dropout any CAP
ADP3330ART-3.3-RL7
Voltage Regulator
(Analog)
4
R38, R39, R56, R58
33 k
Ω
RES 33 k
Ω 1/10W 0.1% 0805 SMD
ERA-6YEB333V (Panasonic)
8
R1, R7, R8, R41, R60, R61, R71, R72
51
Ω
RES 51
Ω 1/10W 5% 0805 SMD
ERJ-6GEYJ510V (Panasonic)
32
R3, R4, R9–R18, R23–R30, R35,
100
Ω
RES 100
Ω 1/10W 1% 0805 SMD
ERJ-6ENF1000V
R36, R40, R42–R46, R63–R66
(Panasonic)
23
C1, C2, C5–C10, C12, C16–C18,
0.1
µF
CAP 0.1
µF 50 V Ceramic Y5V 0805
ECJ-2VF1H104Z
C20–C26, C28, C33–C35
(Panasonic)
2
C13, C27
0.47
µF CAP 0.47 µF 25 V Ceramic Y5V 0805
ECJ-2YF1E474Z (Panasonic)
2
J1, J2
2
20 Male Connector Strip, 100 Centers
TSW-120-08G-D (Samtec)
4
L1, L2, L3, L4
47
Ω
SMT Ferrite Bead
2743019447 (Fair Rite)
4
U2, U3, U9, U11
IC, 3.3 V/5 V ECL Differential
MC10EP16D
Receiver/Driver
(Motorola)
8E3–E6, E25, E26, E33, E34
Power Jack, Banana Plug
108-0740-001 (Johnson Company)
2
U4, U10
3.3 V Dual Differential
SY100ELT23L
LVPECL-to-LVTTL Translator
(Micrel-Synergy)
10
C3, C4, C11, C14, C15, C19,
10
µF
Solid Tantalum Chip Capacitor,
T491C106M016AS
C29, C30–C32
10
µF, 16 V, 20%
(KEMET)
8J3–J7, J10–J12
SMA PLUG 200Mil STR GOLD
142-0801-201
(Johnson Components Inc.)
4
Spacer Aluminum, Hex M–F (Standoff)
4
Nut Hex Stl #4-40 UNC-2B
1
AD10201/AD10226 Evaluation Board
GS03983 Rev. A (PCB)
2
C36, C37
CAP 0.047
µF 25 V Ceramic Y5V 0603
ECJ-1VB1C473K
4
JP3, JP6, JP8, JP12
0
Ω
RES 0
Ω 1/16 W 5% 0402
ER J-2GEOR00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com